Electronic Components Datasheet Search
  English  ▼

X  

TMP1827 Datasheet(PDF) 6 Page - Texas Instruments

Part # TMP1827
Description  TMP1827 Single-Wire, ±0.3°C Accurate Temperature Sensor With SHA-256-HMAC Authentication Engine, 2-kbit EEPROM
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP1827 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMP1827 Datasheet HTML 2Page - Texas Instruments TMP1827 Datasheet HTML 3Page - Texas Instruments TMP1827 Datasheet HTML 4Page - Texas Instruments TMP1827 Datasheet HTML 5Page - Texas Instruments TMP1827 Datasheet HTML 6Page - Texas Instruments TMP1827 Datasheet HTML 7Page - Texas Instruments TMP1827 Datasheet HTML 8Page - Texas Instruments TMP1827 Datasheet HTML 9Page - Texas Instruments TMP1827 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 68 page
background image
Over free-air temperature range and VDD = 1.7 V to 5.5 V (unless otherwise noted); Typical specifications are at TA = 25 °C
and VDD = 3.3 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tDELAY
Start-up delay for temperature
conversion and EEPROM
programming
100
300
µs
SDQ DIGITAL INPUT/OUTPUT
CIN
SDQ pin capacitance
40
pF
VIL
Input logic low level(3)
–0.3
0.2 × VS
V
VIH
Input logic high level(3)
0.8 × VS
VS + 0.3
V
VHYST
Hysteresis
0.3
V
IIN
Input leakage current
±0.5
TBD
μA
VOL
Output low level
IOL = –4 mA
0.4
V
GPIO CHARACTERISTICS
CIN
Input capacitance
10
pF
VIL
Input logic low level(3)
–0.3
0.2 × VS
V
VIH
Input logic high level(3)
0.8 × VS
VS + 0.3
V
IIN
Input leakage current
0
±0.1
µA
VHYST
Hysteresis
0.175
V
VOL
Output low level
IOL = –4 mA
0.4
V
RESISTOR ADDRESS DECODER CHARACTERISTICS
CLOAD
Load capacitance as seen
on ADDR pin (includes PCB
parasitics)
100
pF
RADDR resistor range
6.49
54.9
kΩ
RADDR resistor tolerance
TA = 25°C
–1.0
1.0
%
RADDR resistor temperature
coefficient
–100
100 ppm/°C
RADDR resistor lifetime drift
–0.2
0.2
%
tRESDET
Resistor decoding time
2.8
ms
POWER SUPPLY
IPU
Pullup current(4)
Bus powered mode, serial bus inactive
300
μA
IDD_ACTIVE
Supply current during
temperature conversion
Temperature Conversion, serial bus inactive
97
TBD
μA
IDD_SB
Standby current(5)
VDD powered, serial
bus inactive, continous
conversion mode
TA = -55°C to 85°C
1.59
TBD
μA
TA = -55°C to 150°C
TBD
IDD_SD
Shutdown current
Serial bus inactive, one
shot conversion mode
TA = -55°C to 85°C
1.01
TBD
μA
TA = -55°C to 150°C
TBD
VPOR
Power-on reset threshold
voltage
Supply rising (Figure 7-4, Figure 7-5)
1.5
V
Brownout detect
Supply falling
1.3
V
tINIT
Reset Initialization Time
Time required by device to reset after power up
(Figure 7-4, Figure 7-5)
2.0
ms
(1)
Repeatability is the ability to reproduce a reading when the measured temperature is applied consecutively, under the same conditions.
See Figure 7-11
(2)
Long term stability is determined using accelerated operational life testing at a junction temperature of 150°C.
(3)
In bus powered mode VS = VPUR. In supply powered mode VS = VDD.
(4)
The pullup current parameter is required to size the bus pullup resistor (See Section 8.3.3) for active temperature conversion or
EEPROM read and program or authentication operations.
(5)
Quiescent current between conversions.
TMP1827
SBOSA15 – SEPTEMBER 2022
www.ti.com
6
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TMP1827



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com