Electronic Components Datasheet Search
  English  ▼

X  

TMP1827 Datasheet(PDF) 28 Page - Texas Instruments

Part # TMP1827
Description  TMP1827 Single-Wire, ±0.3°C Accurate Temperature Sensor With SHA-256-HMAC Authentication Engine, 2-kbit EEPROM
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP1827 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TMP1827 Datasheet HTML 24Page - Texas Instruments TMP1827 Datasheet HTML 25Page - Texas Instruments TMP1827 Datasheet HTML 26Page - Texas Instruments TMP1827 Datasheet HTML 27Page - Texas Instruments TMP1827 Datasheet HTML 28Page - Texas Instruments TMP1827 Datasheet HTML 29Page - Texas Instruments TMP1827 Datasheet HTML 30Page - Texas Instruments TMP1827 Datasheet HTML 31Page - Texas Instruments TMP1827 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 68 page
background image
followed by a highly configurable address phase, where the host selects the device it wants to access. Finally,
there is a function phase where the host provides the selected device(s) the action it wants to take.
Reset
Command
Device Address
Function
Write Data
Reset Phase
Address Phase
Function Phase
Answer to
Reset
Read Data
CRC
Figure 8-19. Single-Wire Bus Communication
In a single-wire bus, all write and reads are initiated by the host except for the answer to reset which is initiated
by the devices on the bus.
8.4.3.1 Bus Reset Phase
The bus reset phase is the beginning of the communication. The phase is initiated by the host by holding the
single-wire data line low for a period tRSTL. All devices on the bus, irrespective of their current state shall respond
to the bus reset, by reinitializing their internal state and responding to the host initiated bus reset. The devices
respond after a minimum of tPDH, by holding the single-wire low for a time period of tRSTH as shown in Figure 7-1.
All devices are configured with the OD_EN bit set as '1' in the device configuration-2 register. If the host sends a
bus reset pulse of 48 µs to 80 µs, then only devices operating in overdrive speed shall respond to the bus reset
pulse, while devices operating in standard mode shall continue to wait for a standard mode bus reset.
If the host sends a bus reset pulse of minimum tRSTL for standard mode, the device shall reset the OD_EN bit
to '0' and respond to the bus reset in standard mode. If the bus consists of mixed standard and overdrive speed
devices, then sending a bus reset pulse in standard mode shall reset all devices to standard mode speed of
operation.
It is illegal for the host to send the bus reset for a particular speed of operation and then communicate at the
other speed mode. Also, if a bus reset pulse is sent which is greater than 80 µs (but less than 480 µs), then the
device shall be reset, though the device operation is not ensured.
8.4.3.2 Address Phase
Figure 8-20 shows the address phase that follows the bus reset phase. During this phase, the host presents 8-bit
commands which may be followed by either host sending a 64-bit device address, a 8-bit flexible address, or
skipping the address. Some of the commands are used to discover the device address, while others are used to
select the device.
TMP1827
SBOSA15 – SEPTEMBER 2022
www.ti.com
28
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TMP1827



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com