Electronic Components Datasheet Search
  English  ▼

X  

TMP1827 Datasheet(PDF) 23 Page - Texas Instruments

Part # TMP1827
Description  TMP1827 Single-Wire, ±0.3°C Accurate Temperature Sensor With SHA-256-HMAC Authentication Engine, 2-kbit EEPROM
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP1827 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TMP1827 Datasheet HTML 19Page - Texas Instruments TMP1827 Datasheet HTML 20Page - Texas Instruments TMP1827 Datasheet HTML 21Page - Texas Instruments TMP1827 Datasheet HTML 22Page - Texas Instruments TMP1827 Datasheet HTML 23Page - Texas Instruments TMP1827 Datasheet HTML 24Page - Texas Instruments TMP1827 Datasheet HTML 25Page - Texas Instruments TMP1827 Datasheet HTML 26Page - Texas Instruments TMP1827 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 68 page
background image
VIL
VIH
VDD/VPUR
tSLOT
tRL
tMSW
tREC
Host Read-1
tRWAIT
VIL
VIH
VDD/VPUR
tSLOT
tMSW
tREC
Host Read-0
tRWAIT
tRL
Host drives SDQ
Device drives SDQ
High Impedance, external pullup
Figure 8-11. Host Read, Device Write
8.3.14 Bus Speed
The device supports both standard speed (8.33 kbps) and overdrive speed (90 kbps) data rates. All devices
are factory programmed to start in overdrive speed, to enable higher data throughput. If the host requires the
device to operate at standard speed, then it can easily switch the device by issuing a standard speed bus reset.
The seamless switch over allows host to leverage better data rates on new designs, while maintaining backward
compatibility for older design.
Additionally, the device also provides the flexibility to switch from standard to overdrive speed mode using
address phase commands of OVD SKIPADDR and OVD MATCHADDR.
• When host issues OVD SKIPADDR, then all devices on the bus switch from standard speed to overdrive
speed.
• When host issues OVD MATCHADDR, then the device whose 64-bit device address matches the address
that host sends, will switch from standard to overdrive speed.
8.3.15 NIST Traceability
The accuracy of temperature testing is verified with equipment that is calibrated by an accredited lab that
complies with ISO/IEC 17025 policies and procedures. Each device is tested and trimmed to conform to its
respective data sheet specification limits.
www.ti.com
TMP1827
SBOSA15 – SEPTEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: TMP1827



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com