Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 116 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 116 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 112Page - Cirrus Logic CS47L85 Datasheet HTML 113Page - Cirrus Logic CS47L85 Datasheet HTML 114Page - Cirrus Logic CS47L85 Datasheet HTML 115Page - Cirrus Logic CS47L85 Datasheet HTML 116Page - Cirrus Logic CS47L85 Datasheet HTML 117Page - Cirrus Logic CS47L85 Datasheet HTML 118Page - Cirrus Logic CS47L85 Datasheet HTML 119Page - Cirrus Logic CS47L85 Datasheet HTML 120Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 370 page
background image
CS47L85
116
Rev 4.3
ASYNCHRONOUS SAMPLE RATE CONVERTER (ASRC)
The CS47L85 supports multiple signal paths through the digital core. Two independent clock domains are supported for the
audio signal paths, referenced to SYSCLK and ASYNCCLK respectively, as described in “Clocking and Sample Rates”.
Every digital signal path must be synchronised either to SYSCLK or to ASYNCCLK.
There are two Asynchronous Sample Rate Converters (ASRCs). Each ASRC provides two stereo signal paths between the
SYSCLK and ASYNCCLK domains, as illustrated in Figure 38.
The sample rate on the SYSCLK domain is selected using the ASRCn_RATE1 registers - the rate can be set equal to
SAMPLE_RATE_1, SAMPLE_RATE_2 or SAMPLE_RATE_3.
The sample rate on the ASYNCCLK domain is selected using the ASRCn_RATE2 registers - the rate can be set equal to
ASYNC_SAMPLE_RATE_1 or ASYNC_SAMPLE_RATE_2.
See “Clocking and Sample Rates” for details of the sample rate control registers.
The ASRCn_RATE1 and ASRCn_RATE2 registers should not be changed if any of the respective *_SRCn registers is non-
zero. The associated *_SRCn registers should be cleared to 00h before writing new values to ASRCn_RATE1 or
ASRCn_RATE2. A minimum delay of 125us should be allowed between clearing the *_SRCn registers and writing to the
associated ASRCn_RATE1 or ASRCn_RATE2 registers. See Table 23 for further details.
Each ASRC supports sample rates in the range 8kHz to 192kHz. For each ASRC, the ratio of the applicable
SAMPLE_RATE_n and ASYNC_SAMPLE_RATE_n registers must not exceed 6.
The ASRCn IN1 (Left and Right) paths convert from the SYSCLK domain to the ASYNCCLK domain. These paths are
enabled using the ASRCn_IN1L_ENA and ASRCn_IN1R_ENA register bits respectively.
The ASRCn IN2 (Left and Right) paths convert from the ASYNCCLK domain to the SYSCLK domain. These paths are
enabled using the ASRCn_IN2L_ENA and ASRCn_IN2R_ENA register bits respectively.
Synchronisation (lock) between different clock domains is not instantaneous when the clocking or sample rate configurations
are updated. The lock status of each ASRC path is an input to the Interrupt control circuit and can be used to trigger an
Interrupt event -
see “Interrupts”.
The ASRC Lock status of each ASRC path can be output directly on a GPIO pin as an external indication of ASRC Lock.
See “General Purpose Input / Output” to configure a GPIO pin for this function.
The CS47L85 performs automatic checks to confirm that the SYSCLK or ASYNCCLK frequency is high enough to support
the commanded ASRC and digital mixing functions. If an attempt is made to enable an ASRC signal path, and there are
insufficient SYSCLK or ASYNCLK cycles to support it, then the attempt will be unsuccessful. (Note that any signal paths
that are already active will not be affected under these circumstances.)
The status bits in Register R3809 indicate the status of each of the ASRC signal paths. If an Underclocked Error condition
occurs, then these bits provide readback of which ASRC signal path(s) have been successfully enabled.
The status bits in Registers R1600 to R3192 indicate the status of each of the digital mixers. If an Underclocked Error
condition occurs, then these bits provide readback of which mixer(s) have been successfully enabled.
The Asynchronous Sample Rate Converter (ASRC) signal paths and control registers are illustrated in Figure 38.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com