Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 117 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 117 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 113Page - Cirrus Logic CS47L85 Datasheet HTML 114Page - Cirrus Logic CS47L85 Datasheet HTML 115Page - Cirrus Logic CS47L85 Datasheet HTML 116Page - Cirrus Logic CS47L85 Datasheet HTML 117Page - Cirrus Logic CS47L85 Datasheet HTML 118Page - Cirrus Logic CS47L85 Datasheet HTML 119Page - Cirrus Logic CS47L85 Datasheet HTML 120Page - Cirrus Logic CS47L85 Datasheet HTML 121Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 370 page
background image
CS47L85
Rev 4.3
117
ASRCn_IN1R_ENA
ASRCn_IN1L_ENA
ASRCn_IN1L_SRC
ASRCn_IN1R_SRC
ASRC1 IN1L (90h)
ASRC2 IN1L (94h)
ASRC1 IN1R (91h)
ASRC2 IN1R (95h)
ASRCn_IN2R_ENA
ASRCn_IN2L_ENA
ASRCn_IN2L_SRC
ASRCn_IN2R_SRC
ASRC1 IN2L (92h)
ASRC2 IN2L (96h)
ASRC1 IN2R (93h)
ASRC2 IN2R (97h)
ASRCn_RATE1
(= SAMPLE_RATE_n)
ASRCn_RATE2
(= ASYNC_SAMPLE_RATE_n)
The ASRC provides asynchronous conversion between the SYSCLK and ASYNCCLK CLOCK domains.
ASRCn_RATE1 identifies the SYSCLK-related sample rate (SAMPLE_RATE_n).
ASRCn_RATE2 identifies the ASYNCCLK-related sample rate (ASYNC_SAMPLE_RATE_n).
CS47L85 supports 2 ASRC blocks, ie. n = 1 or 2
Figure 38 Asynchronous Sample Rate Converters (ASRCs)
The ASRC1 and ASRC2 input control registers (see Figure 38) are located at register addresses R2688 (A80h) through to
R2744 (AB8h).
The full list of digital mixer control registers (Register R1600 through to R3192) is provided in a separate document - see
“Register Map” for further information. Generic register definitions are provided in Table 8.
The *_SRCn registers select the input source(s) for the respective ASRC processing blocks. Note that the selected input
source(s) must be configured for the same sample rate as the ASRC to which they are connected.
The bracketed numbers in Figure 38,
e.g.,”(90h)” indicate the corresponding *_SRCn register setting for selection of that
signal as an input to another digital core function.
The ASRC paths should be kept disabled (ASRCn_INmx_ENA=0) if SYSCLK is not enabled. The *_SRCn registers for all
digital core functions should be held at 00h if SYSCLK is not enabled
– SYSCLK must be present and enabled before
selecting other values for these registers. See “Clocking and Sample Rates” for further details (including requirements for
reconfiguring SYSCLK while digital core functions are enabled).
The register bits associated with the ASRCs are described in Table 23.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R3792
(0ED0h)
ASRC2_E
NABLE
3
ASRC2_IN2L_EN
A
0
ASRC2 IN2 (Left) Enable
(Left ASRC2 channel from ASYNCCLK
domain to SYSCLK domain)
0 = Disabled
1 = Enabled
2
ASRC2_IN2R_EN
A
0
ASRC2 IN2 (Right) Enable
(Right ASRC2 channel from ASYNCCLK
domain to SYSCLK domain)
0 = Disabled
1 = Enabled
1
ASRC2_IN1L_EN
A
0
ASRC2 IN1 (Left) Enable
(Left ASRC2 channel from SYSCLK
domain to ASYNCCLK domain)
0 = Disabled
1 = Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com