Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 218 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 218 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 214Page - Cirrus Logic CS47L85 Datasheet HTML 215Page - Cirrus Logic CS47L85 Datasheet HTML 216Page - Cirrus Logic CS47L85 Datasheet HTML 217Page - Cirrus Logic CS47L85 Datasheet HTML 218Page - Cirrus Logic CS47L85 Datasheet HTML 219Page - Cirrus Logic CS47L85 Datasheet HTML 220Page - Cirrus Logic CS47L85 Datasheet HTML 221Page - Cirrus Logic CS47L85 Datasheet HTML 222Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 370 page
background image
CS47L85
218
Rev 4.3
OUTPUT SIGNAL PATH NOISE GATE CONTROL
The CS47L85 provides a digital noise gate function for each of the output signal paths. The noise gate ensures best noise
performance when the signal path is idle. When the noise gate is enabled, and the applicable signal level is below the noise
gate threshold, then the noise gate is activated, causing the signal path to be muted.
The noise gate function is enabled using the NGATE_ENA register, as described in Table 78.
For each output path, the noise gate may be associated with one or more of the signal path threshold detection functions
using the _NGATE_SRC register fields. When more than one signal threshold is selected, then the output path noise gate
is only activated (i.e., muted) when all of the respective signal thresholds are satisfied.
For example, if the OUT1L noise gate is associated with the OUT1L and OUT1R signal paths, then the OUT1L signal path
will only be muted if both the OUT1L and OUT1R signal levels are below the respective thresholds.
The noise gate threshold (the signal level below which the noise gate is activated) is set using NGATE_THR. Note that, for
each output path, the noise gate threshold represents the signal level at the respective output pin(s) - the threshold is
therefore independent of the digital volume and PGA gain settings.
Note that, although there is only one noise gate threshold level (NGATE_THR), each of the output path noise gates may be
activated independently, according to the respective signal content and the associated threshold configuration(s).
To prevent erroneous triggering, a time delay is applied before the gate is activated; the noise gate is only activated (i.e.,
mut
ed) when the output levels are below the applicable signal level threshold(s) for longer than the noise gate ‘hold time’.
The ‘hold time’ is set using the NGATE_HOLD register.
When the noise gate is activated, the CS47L85 gradually attenuates the respective signal path at the rate set by the
OUT_VD_RAMP register (see Table 76). When the noise gate is de-activated, the output volume increases at the rate set
by the OUT_VI_RAMP register.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1043
(0413h)
Noise_Gat
e_Select_
1L
11:0
OUT1L_NGATE_
SRC [11:0]
001h
Output Signal Path Noise Gate Source
Enables one of more signal paths as
inputs to the respective noise gate.
If more than one signal path is enabled as
an input, the noise gate is only activated
(i.e., muted) when all of the respective
signal thresholds are satisfied.
[11] = OUT6R
[10] = OUT6L
[9] = OUT5R
[8] = OUT5L
[7] = OUT4R
[6] = OUT4L
[5] = OUT3R
[4] = OUT3L
[3] = OUT2R
[2] = OUT2L
[1] = OUT1R
[0] = OUT1L
Each bit is coded as:
0 = Disabled
1 = Enabled
R1047
(0417h)
Noise_Gat
e_Select_
1R
11:0
OUT1R_NGATE_
SRC [11:0]
002h
R1051
(041Bh)
Noise_Gat
e_Select_
2L
11:0
OUT2L_NGATE_
SRC [11:0]
004h
R1055
(041Fh)
Noise_Gat
e_Select_
2R
11:0
OUT2R_NGATE_
SRC [11:0]
008h
R1059
(0423h)
Noise_Gat
e_Select_
3L
11:0
OUT3L_NGATE_
SRC [11:0]
010h
R1063
(0427h)
Noise_Gat
e_Select_
3R
11:0
OUT3R_NGATE_
SRC [11:0]
020h
R1067
(042Bh)
Noise_Gat
e_Select_
4L
11:0
OUT4L_NGATE_
SRC [11:0]
040h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com