Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 220 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 220 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 216Page - Cirrus Logic CS47L85 Datasheet HTML 217Page - Cirrus Logic CS47L85 Datasheet HTML 218Page - Cirrus Logic CS47L85 Datasheet HTML 219Page - Cirrus Logic CS47L85 Datasheet HTML 220Page - Cirrus Logic CS47L85 Datasheet HTML 221Page - Cirrus Logic CS47L85 Datasheet HTML 222Page - Cirrus Logic CS47L85 Datasheet HTML 223Page - Cirrus Logic CS47L85 Datasheet HTML 224Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 370 page
background image
CS47L85
220
Rev 4.3
OUTPUT SIGNAL PATH AEC LOOPBACK
The CS47L85 incorporates two loopback signal paths, which are ideally suited as a reference for Acoustic Echo Cancellation
(AEC) processing. Any two of the output signal paths may be selected as the AEC loopback sources.
When configured with suitable DSP firmware, the CS47L85 can provide an integrated AEC capability. The AEC loopback
feature also enables convenient hook-up to an external device for implementing the required signal processing algorithms.
The AEC Loopback source is connected after the respective digital volume controls, as illustrated in Figure 60. The AEC
Loopback signals can be selected as input to any of the digital mixers within the CS47L85 digital core. The sample rate for
the AEC Loopback paths is configured using the OUT_RATE register - see Table 22
within the “Digital Core” section.
The AEC loopback function is enabled using the AECn
_LOOPBACK_ENA register bits, (where ‘n’ identifies the applicable
path, AEC1 or AEC2). The source signals for the Transmit Path AEC function are selected using the
AECn_LOOPBACK_SRC bits.
The CS47L85 performs automatic checks to confirm that the SYSCLK frequency is high enough to support the AEC
Loopback function. If an attempt is made to enable this function, and there are insufficient SYSCLK cycles to support it, then
the attempt will be unsuccessful. (Note that any signal paths that are already active will not be affected under these
circumstances.)
The AECn_ENA_STS register bits indicate the status of the AEC Loopback functions. If an Underclocked Error condition
occurs, then these bits can provide indication of whether the AEC Loopback function has been successfully enabled.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1104
(0450h)
DAC_AEC
_Control_
1
5:2
AEC1_LOOPBAC
K_SRC [3:0]
0000
Input source for Tx AEC1 function
0000 = OUT1L
0001 = OUT1R
0010 = OUT2L
0011 = OUT2R
0100 = OUT3
0110 = OUT4L
0111 = OUT4R
1000 = OUT5L
1001 = OUT5R
1010 = OUT6L
1011 = OUT6R
All other codes are Reserved
1
AEC1_ENA_STS
0
Transmit (Tx) Path AEC1 Control Status
0 = Disabled
1 = Enabled
0
AEC1_LOOPBAC
K_ENA
0
Transmit (Tx) Path AEC1 Control
0 = Disabled
1 = Enabled
R1105
(0451h)
DAC_AEC
_Control_
2
5:2
AEC2_LOOPBAC
K_SRC [3:0]
0000
Input source for Tx AEC2 function
0000 = OUT1L
0001 = OUT1R
0010 = OUT2L
0011 = OUT2R
0100 = OUT3
0110 = OUT4L
0111 = OUT4R
1000 = OUT5L
1001 = OUT5R
1010 = OUT6L
1011 = OUT6R
All other codes are Reserved
1
AEC2_ENA_STS
0
Transmit (Tx) Path AEC2 Control Status
0 = Disabled
1 = Enabled
0
AEC2_LOOPBAC
K_ENA
0
Transmit (Tx) Path AEC2 Control
0 = Disabled
1 = Enabled
Table 79 Output Signal Path AEC Loopback Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com