Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 219 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 219 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 215Page - Cirrus Logic CS47L85 Datasheet HTML 216Page - Cirrus Logic CS47L85 Datasheet HTML 217Page - Cirrus Logic CS47L85 Datasheet HTML 218Page - Cirrus Logic CS47L85 Datasheet HTML 219Page - Cirrus Logic CS47L85 Datasheet HTML 220Page - Cirrus Logic CS47L85 Datasheet HTML 221Page - Cirrus Logic CS47L85 Datasheet HTML 222Page - Cirrus Logic CS47L85 Datasheet HTML 223Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 370 page
background image
CS47L85
Rev 4.3
219
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1071
(042Fh)
Noise_Gat
e_Select_
4R
11:0
OUT4R_NGATE_
SRC [11:0]
080h
R1075
(0433h)
Noise_Gat
e_Select_
5L
11:0
OUT5L_NGATE_
SRC [11:0]
100h
R1079
(0437h)
Noise_Gat
e_Select_
5R
11:0
OUT5R_NGATE_
SRC [11:0]
200h
R1083
(043Bh)
Noise_Gat
e_Select_
6L
11:0
OUT6L_NGATE_
SRC [11:0]
400h
R1087
(043Fh)
Noise_Gat
e_Select_
6R
11:0
OUT6R_NGATE_
SRC [11:0]
800h
R1112
(0458h)
Noise_Gat
e_Control
5:4
NGATE_HOLD
[1:0]
00
Output Signal Path Noise Gate Hold Time
(delay before noise gate is activated)
00 = 30ms
01 = 120ms
10 = 250ms
11 = 500ms
3:1
NGATE_THR
[2:0]
000
Output Signal Path Noise Gate Threshold
000 = -78dB
001 = -84dB
010 = -90dB
011 = -96dB
100 = -102dB
101 = -108dB
110 = -114dB
111 = -120dB
0
NGATE_ENA
0
Output Signal Path Noise Gate Enable
0 = Disabled
1 = Enabled
Table 78 Output Signal Path Noise Gate Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com