Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 222 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 222 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 218Page - Cirrus Logic CS47L85 Datasheet HTML 219Page - Cirrus Logic CS47L85 Datasheet HTML 220Page - Cirrus Logic CS47L85 Datasheet HTML 221Page - Cirrus Logic CS47L85 Datasheet HTML 222Page - Cirrus Logic CS47L85 Datasheet HTML 223Page - Cirrus Logic CS47L85 Datasheet HTML 224Page - Cirrus Logic CS47L85 Datasheet HTML 225Page - Cirrus Logic CS47L85 Datasheet HTML 226Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 370 page
background image
CS47L85
222
Rev 4.3
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R659
(0293h)
Accessory
_Detect_M
ode_1
13
ACCDET_SRC
0
Accessory Detect / Headphone Feedback
pin select
0 = Accessory detect on MICDET1,
Headphone ground feedback on
HPOUT1FB1
1 = Accessory detect on MICDET2,
Headphone ground feedback on
HPOUT1FB2
Table 81 Headphone Output (HPOUT1) Ground Feedback Control
Earpiece
The HPOUT1FB1 or HPOUT1FB2 pin is
selected by the ACCDET_SRC register bit.
CS47L85
HPOUT1L
HPOUT1R
HPOUT1FB1
HPOUT2L
HPOUT2R
HPOUT2FB
HPOUT1FB2
HPOUT3L
HPOUT3R
HPOUT3FB
Each headphone output can support stereo (single-
ended) or mono (differential) output. The illustration
shows the configuration for a typical application.
Figure 61 Headphone and Earpiece Connection
SPEAKER OUTPUTS (ANALOGUE)
The speaker driver outputs SPKOUTLP, SPKOUTLN, SPKOUTLP and SPKOUTLN provide two differential (BTL) outputs
suitable for direct connection to external loudspeakers. The integrated Class D speaker driver provides high efficiency at
large signal levels.
The speaker driver signal paths incorporate a boost function which shifts the signal levels between the AVDD and SPKVDD
voltage domains. The boost is pre-configured (+12dB) for the recommended AVDD and SPKVDD operating voltages (see
“Recommended Operating Conditions”).
Ultra-low leakage and high PSRR allow the speaker supply SPKVDD to be connected directly to a lithium battery. Note that
SPKVDDL powers the Left Speaker driver, and SPKVDDR powers the Right Speaker driver; it is assumed that SPKVDDL
= SPKVDDR = SPKVDD.
Note that SYSCLK
must be present and enabled when using the Class D speaker output; see “Clocking and Sample Rates”
for details of SYSCLK and the associated register control fields.
The OUT4L and OUT4R output signal paths are associated with the analogue outputs SPKOUTLP, SPKOUTLN,
SPKOUTLP and SPKOUTLN.
The Class D speaker output is a pulse width modulated signal, and requires external filtering in order to recreate the audio
signal. With a suitable choice of external speakers, the speakers themselves can provide the necessary filtering. See
“Applications Information” for further information on Class D speaker connections.
The external speaker connection is illustrated in Figure 62, assuming suitable speakers are chosen to provide the PWM
filtering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com