Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 225 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 225 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 221Page - Cirrus Logic CS47L85 Datasheet HTML 222Page - Cirrus Logic CS47L85 Datasheet HTML 223Page - Cirrus Logic CS47L85 Datasheet HTML 224Page - Cirrus Logic CS47L85 Datasheet HTML 225Page - Cirrus Logic CS47L85 Datasheet HTML 226Page - Cirrus Logic CS47L85 Datasheet HTML 227Page - Cirrus Logic CS47L85 Datasheet HTML 228Page - Cirrus Logic CS47L85 Datasheet HTML 229Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 370 page
background image
CS47L85
Rev 4.3
225
OUT6_OSR
DESCRIPTION
SPKCLK2 FREQUENCY
0
Normal mode
3.072MHz
1
High Performance mode
6.144MHz
Table 83 SPKCLK2 Frequency
The PDM output channels can be independently muted. When muted, the default output on each channel is a DSD-compliant
silent stream (0110_1001b). The mute output code can be programmed to other values if required, using the
SPKn_MUTE_SEQ register fields. The mute output code can be transmitted MSB-first or LSB-first; this is selectable using
the SPKn_MUTE_ENDIAN register.
Note that the PDM Mute function is not a soft-mute; the audio output is interrupted immediately when the PDM mute is
asserted. It is recommended to use the Output Signal Path mute function before applying the PDM mute. See Table 76 for
details of the OUTnL_MUTE and OUTnR_MUTE registers.
The PDM output interface registers are described in Table 84.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1168
(0490h)
PDM_SPK
1_CTRL_1
13
SPK1R_MUTE
0
PDM Speaker Output 1 (Right) Mute
0 = Audio output (OUT5R)
1 = Mute Sequence output
12
SPK1L_MUTE
0
PDM Speaker Output 1 (Left) Mute
0 = Audio output (OUT5L)
1 = Mute Sequence output
8
SPK1_MUTE_EN
DIAN
0
PDM Speaker Output 1 Mute Sequence
Control
0 = Mute sequence is LSB first
1 = Mute sequence output is MSB first
7:0
SPK1_MUTE_SE
Q [7:0]
69h
PDM Speaker Output 1 Mute Sequence
Defines the 8-bit code that is output on
SPKDAT1 (left) or SPKDAT1 (right) when
muted.
R1169
(0491h)
PDM_SPK
1_CTRL_2
0
SPK1_FMT
0
PDM Speaker Output 1 timing format
0 = Mode A (PDM data is valid at the
rising/falling edges of SPKCLK1)
1 = Mode B (PDM data is valid during the
high/low phase of SPKCLK1)
R1170
(0492h)
PDM_SPK
2_CTRL_1
13
SPK2R_MUTE
0
PDM Speaker Output 2 (Right) Mute
0 = Audio output (OUT6R)
1 = Mute Sequence output
12
SPK2L_MUTE
0
PDM Speaker Output 2 (Left) Mute
0 = Audio output (OUT6L)
1 = Mute Sequence output
8
SPK2_MUTE_EN
DIAN
0
PDM Speaker Output 2 Mute Sequence
Control
0 = Mute sequence is LSB first
1 = Mute sequence output is MSB first
7:0
SPK2_MUTE_SE
Q [7:0]
69h
PDM Speaker Output 2 Mute Sequence
Defines the 8-bit code that is output on
SPKDAT2 (left) or SPKDAT2 (right) when
muted.
R1171
(0493h)
PDM_SPK
2_CTRL_2
0
SPK2_FMT
0
PDM Speaker Output 2 timing format
0 = Mode A (PDM data is valid at the
rising/falling edges of SPKCLK2)
1 = Mode B (PDM data is valid during the
high/low phase of SPKCLK2)
Table 84 Digital Speaker (PDM) Output Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com