Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 229 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 229 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 225Page - Cirrus Logic CS47L85 Datasheet HTML 226Page - Cirrus Logic CS47L85 Datasheet HTML 227Page - Cirrus Logic CS47L85 Datasheet HTML 228Page - Cirrus Logic CS47L85 Datasheet HTML 229Page - Cirrus Logic CS47L85 Datasheet HTML 230Page - Cirrus Logic CS47L85 Datasheet HTML 231Page - Cirrus Logic CS47L85 Datasheet HTML 232Page - Cirrus Logic CS47L85 Datasheet HTML 233Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 370 page
background image
CS47L85
Rev 4.3
229
The threshold voltages for the jack detect circuit are noted in the “Electrical Characteristics”. Note that separate thresholds
are defined for jack insertion and jack removal.
JACKDETn
+
-
reference
AVDD
Jack Detect logic
1M
(jack insertion switch)
Note: The illustrated circuit assumes the
jack insertion switch contacts are closed
when jack is inserted.
Figure 67 Jack Detect Comparator
JACK POP SUPPRESSION (MICDET CLAMP AND GP SWITCH)
Under typical configuration of a 3.5mm headphone/accessory jack connection, there is a risk of pops and clicks arising from
jack insertion or removal. This can occur when the headphone load makes momentary contact with the MICBIAS output
when the jack is not fully inserted, as illustrated in Figure 68.
The CS47L85 provides a MICDET Clamp function to suppress pops and clicks caused by jack insertion or removal. The
clamp can be controlled directly, or can be activated by a configurable logic function derived from external logic inputs. The
clamp status can be read using the relevant register status bit. The clamp status can also be used to trigger an interrupt
(IRQ) event or to trigger the Control Write Sequencer.
The MICDET Clamp function can be configured using the MICD_CLAMP_MODE register field; the selectable logic
conditions (derived from the JD1 and/or JD2 signals - see Table 85) provide support for different jack detect circuit
configurations. The MICD_CLAMP_OVD bit, when set, will activate the MICDET Clamp, regardless of other conditions.
Note that the MICD_CLAMP_OVD bit is enabled by default; the MICDET Clamp is always active following Power-On Reset
(POR), Hardware Reset, or Software Reset.
The MICDET Clamp functionality (including the external IRQ) is maintained in Sleep mode (see “Low Power Sleep
Configuration
”). This enables a jack insertion event to be used to trigger a Wake-Up of the CS47L85.
A summary of the Jack Detect and MICDET Clamp functionality, and their recommended usage in typical applications, is
described in the next section.
When the MICDET Clamp is active, the MICDET1/HPOUT1FB2 and HPOUT1FB1/MICDET2 pins are short-circuited
together. The grounding of the MICDET pin is achieved via the applicable HPOUT1FB pin; note that it is assumed that the
HPOUT1FB connection is grounded externally, as shown in Figure 68.
The configurable logic provides flexibility in selecting the appropriate conditions for activating the MICDET Clamp. The clamp
status can be read using the MICD_CLAMP_STS register.
The MICDET Clamp de-bounce is selected using the MICD_CLAMP_DB register, as described in Table 86. Note that, under
normal operating conditions, the de-bounce circuit uses the 32kHz clock, which must be enabled whenever input de-bounce
functions are required. Input de-bounce is not provided in Sleep mode; the MICD_CLAMP_DB register bit has no effect in
Sleep mode.
An Interrupt Request (IRQ) event is generated whenever the MICDET Clamp is asserted or de-
asserted (see “Interrupts”).
Separate ‘mask’ bits are provided to enable IRQ events on the rising and/or falling edge of the MICDET Clamp status.
The Control Write Sequencer can be triggered by the MICDET Clamp status. This is enabled using the
WSEQ_ENA_MICD_CLAMP_FALL and WSEQ_ENA_MICD_CLAMP_RISE register bits.
See “Control Write Sequencer”
for further details.
The MICDET Clamp function is illustrated in Figure 68. Note that the jack plug is shown partially removed, with the MICDET1
pin in contact with the headphone load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com