Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 232 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 232 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 228Page - Cirrus Logic CS47L85 Datasheet HTML 229Page - Cirrus Logic CS47L85 Datasheet HTML 230Page - Cirrus Logic CS47L85 Datasheet HTML 231Page - Cirrus Logic CS47L85 Datasheet HTML 232Page - Cirrus Logic CS47L85 Datasheet HTML 233Page - Cirrus Logic CS47L85 Datasheet HTML 234Page - Cirrus Logic CS47L85 Datasheet HTML 235Page - Cirrus Logic CS47L85 Datasheet HTML 236Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 370 page
background image
CS47L85
232
Rev 4.3
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R712
(02C8h)
GP_Switch_
1
1:0
SW1_MODE [1:0]
00
General Purpose Switch control
00 = Disabled (open)
01 = Enabled (closed)
10 = Enabled when MICDET Clamp is
active
11 = Enabled when MICDET Clamp is
not active
R6278
(1886h)
IRQ1_Raw_
Status_7
4
MICD_CLAMP_S
TS1
0
MICDET Clamp status
0 = Clamp not active
1 = Clamp active
R6534
(1986h)
IRQ2_Raw_
Status_7
4
MICD_CLAMP_S
TS2
0
MICDET Clamp status
0 = Clamp not active
1 = Clamp active
R6662
(1A06h)
Interrupt_De
bounce_7
4
MICD_CLAMP_D
B
0
MICDET Clamp de-bounce
0 = Disabled
1 = Enabled
Table 86 MICDET Clamp and General Purpose Switch control
CONTROL SEQUENCE FOR JACK DETECT & MICDET CLAMP
A summary of the Jack Detect and MICDET Clamp functionality, and their recommended usage in typical applications, is
described below.
On device power-up, and following reset, the MICDET Clamp will be active, due to the default setting of MICD_CLAMP_OVD;
this ensures no spurious output can occur during jack insertion.
It is recommended to keep the MICDET Clamp active (MICD_CLAMP_OVD = 1) until after a jack insertion has been detected.
The MICDET_CLAMP_MODE field should be set according to the applicable JD1/JD2 signal configuration (configured to
assert the clamp when jack is removed).
Jack insertion is indicated using the JD1/JD2 signals; the associated status bits can be read directly, or associated signals
can be unmasked as inputs to the Interrupt controller.
After jack insertion has been detected, the applicable headset functions (headphone, microphone, accessory detect) may
then be enabled.
If the headset function requires MICBIAS to be enabled on the respective jack, then the MICDET Clamp should be disabled
(MICD_CLAMP_OVD = 0) immediately before enabling the MICBIAS (or immediately before enabling MICD_ENA). Note
that, if MICBIAS is not required on the respective jack, then the clamp should not be disabled (e.g., for headphone-only
operation).
Assuming that the MICDET_CLAMP_MODE field has been correctly set for the applicable JD1/JD2 signal configuration, the
clamp controller will provide indication of a jack removal. (The status bits can be read directly, or can be unmasked as inputs
to the Interrupt controller.) The clamp will also ensure fast and automatic silencing of the jack outputs.
Under typical use cases, the respective MICBIAS generator and headset audio paths should all be disabled following jack
removal.
Lastly, the MICD Clamp override bit should be asserted (MICD_CLAMP_OVD = 1), to make the system ready for a jack
insertion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com