Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 230 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 230 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 226Page - Cirrus Logic CS47L85 Datasheet HTML 227Page - Cirrus Logic CS47L85 Datasheet HTML 228Page - Cirrus Logic CS47L85 Datasheet HTML 229Page - Cirrus Logic CS47L85 Datasheet HTML 230Page - Cirrus Logic CS47L85 Datasheet HTML 231Page - Cirrus Logic CS47L85 Datasheet HTML 232Page - Cirrus Logic CS47L85 Datasheet HTML 233Page - Cirrus Logic CS47L85 Datasheet HTML 234Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 370 page
background image
CS47L85
230
Rev 4.3
HPOUT1FB1/
MICDET2
MICDET1/
HPOUT1FB2
MICBIASn
C
* IN1BP, IN2BLP, IN2BR
2.2k
 (+/-2%)
* Note: The Jack plug is shown partially
removed, with the MICDET1 pin in
contact with the headphone load.
* see note
MICDET
Clamp Control
MICD_CLAMP_OVD
MICD_CLAMP_MODE
MICD_CLAMP_STS
MICD_CLAMP_DB
CS47L85
When the MICDET Clamp is active in the configuration shown, the
MICDET1 pin is grounded via the headphone jack ground connection.
* Note that the IN1B or IN2B analogue
mic channel is recommended with the
external accessory detect function
Figure 68 MICDET Clamp circuit
In applications where a large decoupling capacitance is present on the MICBIAS output, the MICDET Clamp function alone
may be unable to discharge the capacitor sufficiently to eliminate pops and clicks associated with jack insertion and removal.
In this case, it may be desirable to use the General Purpose Switch within the CS47L85 to provide isolation from the MICBIAS
output; an example circuit is shown in Figure 69.
The General Purpose Switch is configured using SW1_MODE. This register allows the switch to be disabled, enabled, or
synchronised to the MICDET Clamp status, as described in Table 86.
For jack pop suppression, it is recommended to set SW1_MODE=11. In this case, the switch contacts are open whenever
the MICDET Clamp is active, and the switch contacts are closed whenever the MICDET Clamp is inactive.
Normal accessory functions are supported when the switch contacts (GPSWP and GPSWN) are closed, and the MICDET
Clamp is inactive. Ground clamping of MICDET, and isolation of MICBIAS are achieved when the switch contacts are open,
and the MICDET Clamp is active.
Note that the MICDET Clamp function must also be configured appropriately when using this method of pop suppression
control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com