Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 234 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 234 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 230Page - Cirrus Logic CS47L85 Datasheet HTML 231Page - Cirrus Logic CS47L85 Datasheet HTML 232Page - Cirrus Logic CS47L85 Datasheet HTML 233Page - Cirrus Logic CS47L85 Datasheet HTML 234Page - Cirrus Logic CS47L85 Datasheet HTML 235Page - Cirrus Logic CS47L85 Datasheet HTML 236Page - Cirrus Logic CS47L85 Datasheet HTML 237Page - Cirrus Logic CS47L85 Datasheet HTML 238Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 234 / 370 page
background image
CS47L85
234
Rev 4.3
and up to 6 push-buttons. Each measurement level can be enabled or disabled independently; this provides flexibility
according to the required thresholds, and offers a faster measurement time in some applications. The MICD_LVL_SEL
register is described in detail later in this section.
Note that the impedance levels quoted in the MICD_LVL description assume that a microphone (475
Ω to 30kΩ impedance)
is also present on the MICDET pin. The limits quoted in the “Electrical Characteristics” refer to the combined effective
impedance on the MICDET pin. Typical external components are described in the “Applications Information” section.
When the ADC measurement mode is selected (ACCDET_MODE=111), the detection function must be disabled before the
measurement can be read. When the CS47L85 indicates valid data (MICD_VALID=1), the detection must be disabled by
setting MICD_ENA=0.
The
ADC
measurement
mode
generates
two
output
results,
contained
within
the
MICDET_ADCVAL
and
MICDET_ADCVAL_DIFF registers. These registers contain the most recent measurement value (MICDET_ADCVAL) and
the measurement difference value (MICDET_ADCVAL_DIFF). The difference value indicates the difference between the
latest measurement and the previous measurement; this can be used to determine whether the measurement is stable and
reliable.
Note that the MICDET_ADCVAL and MICDET_ADCVAL_DIFF registers do not follow a linear coding. The appropriate test
condition for accepting the measurement value (or for re-scheduling the measurement) will vary depending on the application
requirements, and depending on the expected impedance value.
The microphone detection function is an input to the Interrupt control circuit and can be used to trigger an Interrupt event
every time an accessory insertion, removal or impedance change is detected. See “Interrupts” for further details.
The register fields associated with Microphone Detection (or other accessories) are described in Table 88. The external
circuit configuration is illustrated in Figure 70.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R659
(0293h)
Accessory_
Detect_Mod
e_1
13
ACCDET_SRC
0
Accessory Detect / Headphone
Feedback pin select
0 = Accessory detect on MICDET1,
Headphone ground feedback on
HPOUT1FB1
1 = Accessory detect on MICDET2,
Headphone ground feedback on
HPOUT1FB2
2:0
ACCDET_MODE
[2:0]
000
Accessory Detect Mode Select
000 = Microphone detect (MICDETn,
discrete mode)
001 = Headphone detect (HPDETL)
010 = Headphone detect (HPDETR)
011 = Reserved
100 = Headphone detect (MICDETn)
101 = Reserved
110 = Reserved
111 = Microphone detect (MICDETn,
ADC mode)
Note that the MICDETn measurements
are implemented on either the MICDET1
or MICDET2 pins, depending on the
ACCDET_SRC register bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com