Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 237 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 237 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 233Page - Cirrus Logic CS47L85 Datasheet HTML 234Page - Cirrus Logic CS47L85 Datasheet HTML 235Page - Cirrus Logic CS47L85 Datasheet HTML 236Page - Cirrus Logic CS47L85 Datasheet HTML 237Page - Cirrus Logic CS47L85 Datasheet HTML 238Page - Cirrus Logic CS47L85 Datasheet HTML 239Page - Cirrus Logic CS47L85 Datasheet HTML 240Page - Cirrus Logic CS47L85 Datasheet HTML 241Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 370 page
background image
CS47L85
Rev 4.3
237
The MICD_BIAS_STARTTIME register should be set to 16ms or more if MICBn_RATE = 1 (pop-free start-up / shut-down).
The MICD_BIAS_STARTTIME register should be set to 0.25ms or more if MICBn_RATE = 0 (fast start-up / shut-down).
If the selected reference is not enabled continuously (i.e., if MICBn_ENA = 0), then the applicable MICBIAS discharge bit
(MICBn_DISCH) should be set to 0.
The MICBIAS sources are configured using the registers described in the “Charge Pumps, Regulators and Voltage
Reference
” section.
MICDET1
Accessory /
Button Detect
AGND
MICDET2
Detection pin selected by ACCDET_SRC:
(MICDET1 or MICDET2)
Microphone/Accessory detection
selected by ACCDET_MODE
Analogue Input
C
* INnx
Microphone Supply selected by
MICD_BIAS_SRC:
(MICVDD, MICBIAS1,
MICBIAS2, or MICBIAS3)
MICBIAS3
MICBIAS2
MICBIAS1
MICVDD
LDO2
Regulator
External accessories :-
2.2k
(+/-2%)
Microphone
Hookswitch
/ button 1
button 2
* Note that the IN1B or IN2B analogue
mic channel is recommended with the
external accessory detect function
Figure 70 Microphone and Accessory Detect Interface
When the discrete measurement mode is selected (ACCDET_MODE=000), the MICD_LVL_SEL [7:0] register bits allow
each of the impedance measurement levels to be enabled or disabled independently. This allows the function to be tailored
to the particular application requirements.
If one or more bits within the MICD_LVL_SEL register is set to 0, then the corresponding impedance level will be disabled.
Any measured impedance which lies in a disabled level will be reported as the next lowest, enabled level.
For example, the MICD_LVL_SEL [2] bit enables the detection of impedances around 73
. If MICD_LVL_SEL [2] = 0, then
an external impedance of 73
 will not be indicated as 73 but will be indicated as 40; this would be reported in the
MICD_LVL register as MICD_LVL [2] = 1.
With all measurement levels enabled, the CS47L85 can detect the presence of a typical microphone and up to 6 push-
buttons. The microphone detect function is specifically designed to detect a video accessory (typical 75
) load if required.
See “Applications Information” for typical recommended external components for microphone, video or push-button
accessory detection.
The accuracy of the microphone detect function is assured whenever the connected load is within the applicable limits
specified in the “Electrical Characteristics”. It is required that a 2.2k
 (2%) resistor must also be connected between MICDET
and the selected MICBIAS reference; note that different resistor values will lead to inaccuracy in the impedance
measurement.
Note that the connection of a microphone will change the measured impedance on the MICDET pin; see “Applications
Information
” for recommended components for typical applications.
The measurement time varies between 100
s and 500s according to the impedance of the external load. A high impedance
will be measured faster than a low impedance.
The timing of the microphone detect function is illustrated in Figure 71. Two different cases are shown, according to whether
MICBIASn is enabled periodically by the impedance measurement function (MICBn_ENA=0), or is enabled at all times
(MICBn_ENA=1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com