Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 240 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 240 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 236Page - Cirrus Logic CS47L85 Datasheet HTML 237Page - Cirrus Logic CS47L85 Datasheet HTML 238Page - Cirrus Logic CS47L85 Datasheet HTML 239Page - Cirrus Logic CS47L85 Datasheet HTML 240Page - Cirrus Logic CS47L85 Datasheet HTML 241Page - Cirrus Logic CS47L85 Datasheet HTML 242Page - Cirrus Logic CS47L85 Datasheet HTML 243Page - Cirrus Logic CS47L85 Datasheet HTML 244Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 240 / 370 page
background image
CS47L85
240
Rev 4.3
the HP_LVL field, provided that the value lies within the range of the applicable HP_IMPEDANCE_RANGE setting.
Note that, for detection using one of the MICDETn pins, the HP_LVL field is the only supported readback option. The
HP_IMPEDANCE_RANGE field is not valid for detection on the MICDETn pins. See Table 91 for further description of the
HP_LVL field.
The headphone detection function is an input to the Interrupt control circuit and can be used to trigger an Interrupt event on
completion of the headphone detection -
see “Interrupts”.
The register fields associated with Headphone Detection are described in Table 91. The external circuit configuration is
illustrated in Figure 72.
Note that 32-bit register addressing is used from R12888 (3000h) upwards; 16-bit format is used otherwise. The registers
noted in Table 91 contain a mixture of 16-bit and 32-bit register addresses.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R13304
(33F8h)
OTP_HPDE
T_Cal_1
31:24
HP_OFFSET_11
[7:0]
Headphone Detect Calibration field.
Signed number, LSB=0.25.
Range is -31.75 to +31.75.
Default value is factory-set per device.
23:16
HP_OFFSET_10
[7:0]
Headphone Detect Calibration field.
Signed number, LSB=0.25.
Range is -31.75 to +31.75.
Default value is factory-set per device.
15:8
HP_OFFSET_01
[7:0]
Headphone Detect Calibration field.
Signed number, LSB=0.25.
Range is -31.75 to +31.75.
Default value is factory-set per device.
7:0
HP_OFFSET_00
[7:0]
Headphone Detect Calibration field.
Signed number, LSB=0.25.
Range is -31.75 to +31.75.
Default value is factory-set per device.
R13306
(33FAh)
OTP_HPDE
T_Cal_2
15:8
HP_GRADIENT_
1X [7:0]
Headphone Detect Calibration field.
Signed number, LSB=0.25.
Range is -31.75 to +31.75.
Default value is factory-set per device.
7:0
HP_GRADIENT_
0X [7:0]
Headphone Detect Calibration field.
Signed number, LSB=0.25.
Range is -31.75 to +31.75.
Default value is factory-set per device.
R659
(0293h)
Accessory_
Detect_Mod
e_1
13
ACCDET_SRC
0
Accessory Detect / Headphone Feedback pin select
0 = Accessory detect on MICDET1, Headphone ground
feedback on HPOUT1FB1
1 = Accessory detect on MICDET2, Headphone ground
feedback on HPOUT1FB2
2:0
ACCDET_MODE
[2:0]
00
Accessory Detect Mode Select
000 = Microphone detect (MICDETn, discrete mode)
001 = Headphone detect (HPDETL)
010 = Headphone detect (HPDETR)
011 = Reserved
100 = Headphone detect (MICDETn)
101 = Reserved
110 = Reserved
111 = Microphone detect (MICDETn, ADC mode)
Note that the MICDETn measurements are implemented on
either the MICDET1 or MICDET2 pins, depending on the
ACCDET_SRC register bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com