Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 244 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 244 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 240Page - Cirrus Logic CS47L85 Datasheet HTML 241Page - Cirrus Logic CS47L85 Datasheet HTML 242Page - Cirrus Logic CS47L85 Datasheet HTML 243Page - Cirrus Logic CS47L85 Datasheet HTML 244Page - Cirrus Logic CS47L85 Datasheet HTML 245Page - Cirrus Logic CS47L85 Datasheet HTML 246Page - Cirrus Logic CS47L85 Datasheet HTML 247Page - Cirrus Logic CS47L85 Datasheet HTML 248Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 244 / 370 page
background image
CS47L85
244
Rev 4.3
The ‘Always-On’ digital input / output pins are listed in Table 93. All other digital input pins have no effect in Sleep mode; all
other digital output pins are undriven (floating).
The IRQ
¯¯¯ output is normally de-asserted in Sleep mode. Note that, in Sleep mode, the IRQ
¯¯¯ output can only be asserted in
response to the JACKDET1 or JACKDET2 inputs, as described below. If the IRQ
¯¯¯ output is asserted in Sleep mode, it can
only be de-asserted after a Wake-Up transition.
Output drivers and bus keepers are disabled in Sleep Mode, for all pins not on the always-on domain; this means that the
logic level on these pins is undefined. If a defined logic level is required during Sleep Mode (e.g., as input to another device),
an external pull resistor may be required. If an external pull resistor is connected to a pin that also supports a bus keeper
function, the pull resistance should be chosen carefully, taking into account the resistance of the
bus keeper. See “General
Purpose Input / Output
” for specific notes concerning the GPIO pins.
PIN NAME
DESCRIPTION
REFERENCE
IRQ
¯¯¯
Interrupt Request (IRQ) output
See “Interrupts”
JACKDET1
Jack Detect input 1
See “External Accessory Detection”
JACKDET2
Jack Detect input 2
See “External Accessory Detection”
LDOENA
Enable pin for LDO1
See “Charge Pumps, Regulators and
Voltage Reference
”
RESET
¯¯¯¯¯¯
Digital Reset input (active low)
See “Hardware Reset, Software Reset,
Wake-Up, and Device ID
”
Table 93
Sleep Mode ‘Always-On’ Digital Input Pins
The ‘Always-On’ functionality includes the JD1 and JD2 control signals, which provide support for the low-power Sleep mode.
The MICDET Clamp status signal is also supported; this is controlled by a selectable logic function, derived from JD1 and/or
JD2.
The JD1, JD2 and MICDET Clamp status signals are derived from the JACKDET1 and JACKDET2 inputs, and can be used
to trigger the Interrupt Controller.
The Interrupt (IRQ
¯¯¯
) functionality associated with these signals is part of the ‘Always-On’ functionality, enabling the CS47L85
to provide indication of jack insertion or jack removal to the host processor in Sleep mode.
See “Interrupts” for further details.
Note that the JACKDET1 and JACKDET2 inputs will not result in a Wake-Up transition directly; a Wake-Up transition will
only occur by re-application of DCVDD. In a typical application, the JACKDETn inputs will provide a signal to the Applications
Processor, via the IRQ
¯¯¯ output; if a Wake-Up transition is required, this is triggered by the Applications Processor asserting
the LDOENA pin.
The JD1 and JD2 sign
als are derived from the Jack Detect function (see “External Accessory Detection”). These inputs can
be used to trigger a response to a jack insertion or jack removal detection.
When these signals are enabled, the JD1 and JD2 signals indicate the status of the JACKDET1 and JACKDET2 input pins
respectively. See Table 85 for details of the associated control registers.
The MICDET Clamp status is controlled by the JD1 and/or JD2 signals (see “External Accessory Detection”). The
configurable logic provides flexibility in selecting the appropriate conditions for activating the MICDET Clamp. The clamp
status can be used to trigger a response to a jack insertion or jack removal detection.
The MICDET Clamp function is configured using the MICD_CLAMP_MODE register, as described in Table 86.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com