Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 245 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 245 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 241Page - Cirrus Logic CS47L85 Datasheet HTML 242Page - Cirrus Logic CS47L85 Datasheet HTML 243Page - Cirrus Logic CS47L85 Datasheet HTML 244Page - Cirrus Logic CS47L85 Datasheet HTML 245Page - Cirrus Logic CS47L85 Datasheet HTML 246Page - Cirrus Logic CS47L85 Datasheet HTML 247Page - Cirrus Logic CS47L85 Datasheet HTML 248Page - Cirrus Logic CS47L85 Datasheet HTML 249Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 245 / 370 page
background image
CS47L85
Rev 4.3
245
GENERAL PURPOSE INPUT / OUTPUT
The CS47L85 provides a number of GPIO functions to enable interfacing and detection of external hardware and to provide
logic outputs to other devices. The GPIO input functions can be used to generate an Interrupt (IRQ) event. The GPIO and
Interrupt circuits support the following functions:
Pin-specific alternative functions for external interfaces (AIF, DMIC, PDM, MIF)
Logic input / Button detect (GPIO input)
Logic ‘1’ and logic ‘0’ output (GPIO output)
Interrupt (IRQ) status output
Clock output
Frequency Locked Loop (FLL) status output
Frequency Locked Loop (FLL) Clock output
IEC-60958-3 compatible S/PDIF output
Pulse Width Modulation (PWM) Signal output
Asynchronous Sample Rate Converter (ASRC) Lock status
Over-Temperature, Speaker Short Circuit Protection, and Speaker Shutdown status output
General Purpose Timer status output
Event Logger FIFO buffer status output
Note that the GPIO pins are referenced to different power domains (DBVDD1, DBVDD2, DBVDD3 or DBVDD4), as noted
in the “Pin Description” section.
Logic input and output (GPIO) can be supported in two different ways on the CS47L85
. The ‘standard’ mechanism described
in this section provides a comprehensive suite of options including input de-bounce, and selectable output drive configuration.
The ‘DSP GPIO’ circuit is tailored towards more advanced requirements typically demanded by DSP software features. The
DSP GPIO functions are described in the
“DSP Peripheral Control” section.
The CS47L85 also incorporates a General Purpose Switch feature, which can be used as a controllable analogue switch;
details of this are provided at the end of this “General Purpose Input / Output” section.
GPIO CONTROL
For each GPIO, the selected function is determined by the GPn_FN field, where n identifies the GPIO pin (1 to 40). The pin
direction, set by GPn_DIR, must be set according to function selected by GPn_FN.
When a pin is configured as a GPIO input (GPn_DIR = 1, GPn_FN = 001h), the logic level at the pin can be read from the
respective GPn_LVL bit. Note that GPn_LVL is not affected by the GPn_POL bit.
A de-bounce circuit can be enabled on any GPIO input, to avoid false event triggers. This is enabled on each pin by setting
the respective GPn_DB bit. The de-bounce circuit uses the 32kHz clock, which must be enabled whenever input de-bounce
functions are required. The de-bounce time is configurable using the GP_DBTIME register.
See “Clocking and Sample Rates”
for further details of the CS47L85 clocking configuration.
Each of the GPIO pins is an input to the Interrupt control circuit and can be used to trigger an Interrupt event. An interrupt
event is triggered on the rising and falling edges of the GPIO input. The associated interrupt bit is latched once set; it can
be
polled at any time or used to control the IRQ signal. See “Interrupts” for more details of the Interrupt event handling.
Integrated pull-up and pull-down resistors are provided on each of the GPIO pins; these can be configured independently
using the GPn_PU and GPn_PD fields. When the pull-up and pull-down control bits are both enabled, the CS47L85 provides
a ‘bus keeper’ function on the respective pin. The bus keeper function holds the logic level unchanged whenever the pin is
undriven (e.g., if the signal is tri-stated).
Note that the bus keeper is enabled by default on all GPIO pins and, if not actively driven, may result in either a logic 0 or
logic 1 at the respective input on start-up. If an external pull resistor is connected (e.g., to control the logic level in Sleep
Mode), the chosen resistance should take account of the bus keeper resistance (see “Electrical Characteristics”). A ‘strong’
pull resistor (e.g., 10k
Ω) is required, if a specific start-up condition is to be forced by the external pull component.
When a pin is configured as a GPIO output (GPn_DIR = 0, GPn_FN = 001h), its level can be set to logic 0 or logic 1 using
the GPn_LVL field. Note that the GPn
_LVL registers are ‘write only’ when the respective GPIO pin is configured as an output.
When a pin is configured as an output (GPn_DIR = 0), the polarity can be inverted using the GPn_POL bit. When GPn_POL
= 1, then the selected output function is inverted. In the case of Logic Level output (GPn_FN = 001h), the external output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com