Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 246 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 246 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 242Page - Cirrus Logic CS47L85 Datasheet HTML 243Page - Cirrus Logic CS47L85 Datasheet HTML 244Page - Cirrus Logic CS47L85 Datasheet HTML 245Page - Cirrus Logic CS47L85 Datasheet HTML 246Page - Cirrus Logic CS47L85 Datasheet HTML 247Page - Cirrus Logic CS47L85 Datasheet HTML 248Page - Cirrus Logic CS47L85 Datasheet HTML 249Page - Cirrus Logic CS47L85 Datasheet HTML 250Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 246 / 370 page
background image
CS47L85
246
Rev 4.3
will be the opposite logic level to GPn_LVL when GPn_POL = 1. Note that, if GPn_FN=000h or 002h, then the GPn_POL
bit has no effect on the respective GPIO pin.
A GPIO output can be either CMOS driven or Open Drain. This is selected on each pin using the respective GPn_OP_CFG
bit. Note that, if GPn_FN=000h or 002h, then the GPn_OP_CFG bit has no effect on the respective GPIO pin; see Pin
Description
” for the output configuration in this case.
The register fields that control the GPIO pins are described in Table 94.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R5888
(1700h)
GPIO1_CTRL
_1
to
R5966
(174Eh)
GPIO40_CTR
L_1
15
GPn_LVL
see notes
GPIOn level. Write to this bit to set
a GPIO output. Read from this bit to
read GPIO input level.
For output functions only, when
GPn_POL is set, the register is the
opposite logic level to the external
pin.
Note that the GPn_LVL register is
‘write only’ when GPn_DIR=0.
14
GPn_OP_CFG
0
GPIOn Output Configuration
0 = CMOS
1 = Open Drain
Note that, if GPn_FN=000h or 002h,
then this bit has no effect on the
GPIOn output.
13
GPn_DB
1
GPIOn Input De-bounce
0 = Disabled
1 = Enabled
12
GPn_POL
0
GPIOn Output Polarity Select
0 = Non-inverted (Active High)
1 = Inverted (Active Low)
Note that, if GPn_FN=000h or 002h,
then this bit has no effect on the
GPIOn output.
8:0
GPn_FN [8:0]
001h
GPIOn Pin Function
(see Table 95 for details)
R5889
(1701h)
GPIO1_CTRL
_2
to
R5967
(174Fh)
GPIO40_CTR
L_2
15
GPn_DIR
1
GPIOn Pin Direction
0 = Output
1 = Input
The GPn_DIR bit has no effect if
GPn_FN=000h or 002h
If GPn_FN=000h, then the pin
direction is selected by the
applicable pin-specific function.
If GPn_FN=002h, then the pin
direction is set according to the
DSP GPIO configuration.
14
GPn_PU
1
GPIOn Pull-Up Enable
0 = Disabled
1 = Enabled
Note - when GPn_PD and GPn_PU
are both set to ‘1’, then a ‘bus
keeper’ function is enabled on the
respective GPIOn pin.
13
GPn_PD
1
GPIOn Pull-Down Enable
0 = Disabled
1 = Enabled
Note - when GPn_PD and GPn_PU
are both set to ‘1’, then a ‘bus
keeper’ function is enabled on the
respective GPIOn pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com