Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 243 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 243 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 239Page - Cirrus Logic CS47L85 Datasheet HTML 240Page - Cirrus Logic CS47L85 Datasheet HTML 241Page - Cirrus Logic CS47L85 Datasheet HTML 242Page - Cirrus Logic CS47L85 Datasheet HTML 243Page - Cirrus Logic CS47L85 Datasheet HTML 244Page - Cirrus Logic CS47L85 Datasheet HTML 245Page - Cirrus Logic CS47L85 Datasheet HTML 246Page - Cirrus Logic CS47L85 Datasheet HTML 247Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 370 page
background image
CS47L85
Rev 4.3
243
LOW POWER SLEEP CONFIGURATION
The CS47L85 supports a low-
power ‘Sleep’ mode, where most functions are disabled, and power consumption is minimised.
The CS47L85 enters Sleep mode when the DCVDD supply is removed. In a typical application, this is controlled via the
LDOENA pin, which enables/disables the LDO1 regulator, thus enabling/disabling the DCVDD supply.
Whilst in the Sleep mode, the CS47L85 can generate an Interrupt Event in response to a change in voltage on the
JACKDET1 or JACKDET2 pins. This enables a jack insertion event (or other digital logic transition) to be used to trigger a
Wake-Up of the CS47L85.
Note that the AVDD, DBVDD1 supplies must be present throughout the Sleep mode duration. When LDO1 is used to provide
the DCVDD supply, then LDOVDD must also be present in Sleep mode.
The system clocks (SYSCLK, ASYNCCLK, DSPCLK) should each be disabled before selecting Sleep mode. The external
clock input (MCLKn) may also be stopped, if desired.
Access to the CS47L85 register map using any of the Control Interfaces should be ceased before selecting Sleep mode.
Sel
ected functions and control registers are maintained via an ‘Always-On’ internal supply domain in Sleep mode. The
‘Always-On’ control registers are listed in Table 92. These registers are maintained (i.e., not reset) in Sleep mode.
Note that the Control Interface is not supported in Sleep mode. Read/Write access to the ‘Always-On’ registers is not possible
in Sleep mode.
REGISTER
ADDRESS
LABEL
REFERENCE
R710 (02C6h)
MICD_CLAMP_OVD
See “External Accessory Detection”
MICD_CLAMP_MODE [3:0]
R723 (02D3h)
JD2_ENA
JD1_ENA
R6150 (1806h)
MICD_CLAMP_FALL_EINT1
See
“Interrupts”
MICD_CLAMP_RISE_EINT1
JD2_FALL_EINT1
JD2_RISE_EINT1
JD1_FALL_EINT1
JD1_RISE_EINT1
R6214 (1846h)
IM_MICD_CLAMP_FALL_EINT1
IM_MICD_CLAMP_RISE_EINT1
IM_JD2_FALL_EINT1
IM_JD2_RISE_EINT1
IM_JD1_FALL_EINT1
IM_JD1_RISE_EINT1
R6784 (1A80h)
IM_IRQ1
IRQ_POL
IRQ_OP_CFG
R6864 (1AD0h)
RESET_PU
See “Hardware Reset, Software
Reset, Wake-Up, and Device ID
”
RESET_PD
Table 92
Sleep Mode ‘Always-On’ Control Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com