Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 247 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 247 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 243Page - Cirrus Logic CS47L85 Datasheet HTML 244Page - Cirrus Logic CS47L85 Datasheet HTML 245Page - Cirrus Logic CS47L85 Datasheet HTML 246Page - Cirrus Logic CS47L85 Datasheet HTML 247Page - Cirrus Logic CS47L85 Datasheet HTML 248Page - Cirrus Logic CS47L85 Datasheet HTML 249Page - Cirrus Logic CS47L85 Datasheet HTML 250Page - Cirrus Logic CS47L85 Datasheet HTML 251Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 247 / 370 page
background image
CS47L85
Rev 4.3
247
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R6848
(1AC0h)
GPIO_Debou
nce_Config
3:0
GP_DBTIME
[3:0]
0000
GPIO Input de-bounce time
0h = 100us
1h = 1.5ms
2h = 3ms
3h = 6ms
4h = 12ms
5h = 24ms
6h = 48ms
7h = 96ms
8h = 192ms
9h = 384ms
Ah = 768ms
Bh to Fh = Reserved
Notes:
1. n is a number (1 to 40) that identifies the individual GPIO.
2. The default value of GPn_LVL depends upon whether the pin is actively driven by another
device. If the pin is actively driven, the bus-keeper will maintain this logic level. If the pin is not
actively driven, the bus-keeper may establish either a logic 1 or logic 0 as the initial input level.
Table 94 GPIO Control
GPIO FUNCTION SELECT
The available GPIO functions are described in Table 95.
The function of each GPIO is set using the GPn_FN register, where n identifies the GPIO pin (1 to 40). Note that the
respective GPn_DIR must also be set according to whether the function is an input or output.
GPn_FN
DESCRIPTION
COMMENTS
000h
Pin-specific alternate
function
Alternate functions supporting Digital Microphone,
Digital Audio Interface, Master Control Interface, and
PDM output functions.
001h
Button detect input / Logic
level output
GPn_DIR = 0: GPIO pin logic level is set by GPn_LVL.
GPn_DIR = 1: Button detect or logic level input.
002h
DSP GPIO
Low latency input/output for DSP functions.
003h
IRQ1 Output
Interrupt (IRQ1) output
0 = IRQ1 not asserted
1 = IRQ1 asserted
004h
IRQ2 Output
Interrupt (IRQ2) output
0 = IRQ2 not asserted
1 = IRQ2 asserted
010h
FLL1 Clock
Clock output from FLL1
011h
FLL2 Clock
Clock output from FLL2
012h
FLL3 Clock
Clock output from FLL3
018h
FLL1 Lock
Indicates FLL1 Lock status
0 = Not locked
1 = Locked
019h
FLL2 Lock
Indicates FLL2 Lock status
0 = Not locked
1 = Locked
01Ah
FLL3 Lock
Indicates FLL3 Lock status
0 = Not locked
1 = Locked



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com