Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 251 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 251 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 247Page - Cirrus Logic CS47L85 Datasheet HTML 248Page - Cirrus Logic CS47L85 Datasheet HTML 249Page - Cirrus Logic CS47L85 Datasheet HTML 250Page - Cirrus Logic CS47L85 Datasheet HTML 251Page - Cirrus Logic CS47L85 Datasheet HTML 252Page - Cirrus Logic CS47L85 Datasheet HTML 253Page - Cirrus Logic CS47L85 Datasheet HTML 254Page - Cirrus Logic CS47L85 Datasheet HTML 255Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 251 / 370 page
background image
CS47L85
Rev 4.3
251
BUTTON DETECT (GPIO INPUT)
GPn_FN = 001h.
Button detect functionality can be selected on a
GPIO pin by setting the respective GPIO registers as described in “GPIO
Control
”. The same functionality can be used to support a Jack Detect input function.
It is recommended to enable the GPIO input de-bounce feature when using GPIOs as button input or Jack Detect input.
The GPn_LVL fields may be read to determine the logic levels on a GPIO input, after the selectable de-bounce controls.
Note that GPn_LVL is not affected by the GPn_POL bit.
The de-bounced GPIO signals are also inputs to the Interrupt control circuit. An interrupt event is triggered on the rising and
falling edges of the GPIO input. The associated interrupt bits are latched once set; it can be polled at any time or used to
control the IRQ signal. See “Interrupts” for more details of the Interrupt event handling.
LOGIC ‘1’ AND LOGIC ‘0’ OUTPUT (GPIO OUTPUT)
GPn_FN = 001h.
The CS47L85 can be programmed to drive a logic high or logic low level on a
GPIO pin by selecting the “GPIO Output”
function as described in “GPIO Control”.
The output logic level is selected using the respective GPn_LVL bit. Note that the GPn
_LVL registers are ‘write only’ when
the respective GPIO pin is configured as an output.
The polarity of the GPIO output can be inverted using the GPn_POL registers. If GPn_POL=1, then the external output will
be the opposite logic level to GPn_LVL.
DSP GPIO (LOW LATENCY DSP INPUT/OUTPUT)
GPn_FN = 002h.
The DSP GPIO function provides an advanced I/O capability, supporting the requirements of the CS47L85 as a multi-
purpose sensor hub. The DSP GPIO pins are accessed using maskable sets of I/O control registers; this allows the selected
combinations of GPIOs to be controlled with ease, regardless of how the allocation of GPIO pins has been implemented in
hardware.
The DSP GPIO function is selected
by setting the respective GPIO registers as described in “GPIO Control”.
A full description of the DSP GPIO function is provided in the “DSP Peripheral Control” section.
The pin direction (input or output) is set according to the DSP GPIO configuration for each pin, whenever the respective
GPn_FN register is set to 002h. The GPn_DIR control bit has no effect in this case.
INTERRUPT (IRQ) STATUS OUTPUT
GPn_FN = 003h, 004h.
The CS47L85 has an Interrupt Controller which can be used to indicate when any selected Interrupt events occur. An
interrupt can be generated by any of the events described throughout the GPIO function definition above. Individual
interrupts may be masked in o
rder to configure the Interrupt as required. See “Interrupts” for further details.
The Interrupt Controller supports two separate Interrupt Request (IRQ) outputs. The IRQ1 or IRQ2 status may be output
directly on a
GPIO pin by setting the respective GPIO registers as described in “GPIO Control”.
Note that the IRQ1 status is output on the IRQ
¯¯¯ pin at all times.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com