Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 255 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 255 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 251Page - Cirrus Logic CS47L85 Datasheet HTML 252Page - Cirrus Logic CS47L85 Datasheet HTML 253Page - Cirrus Logic CS47L85 Datasheet HTML 254Page - Cirrus Logic CS47L85 Datasheet HTML 255Page - Cirrus Logic CS47L85 Datasheet HTML 256Page - Cirrus Logic CS47L85 Datasheet HTML 257Page - Cirrus Logic CS47L85 Datasheet HTML 258Page - Cirrus Logic CS47L85 Datasheet HTML 259Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 255 / 370 page
background image
CS47L85
Rev 4.3
255
ASYNCHRONOUS SAMPLE RATE CONVERTER (ASRC) LOCK STATUS OUTPUT
GPn_FN = 088h, 089h, 08Ah, 08Bh.
The CS47L85 maintains a flag indicating the lock status of the Asynchronous Sample Rate Converters (ASRCs), which may
be used to control other events if required. See “Digital Core” for more details of the ASRCs.
The ASRC Lock signals may be output directly on a GPIO pin by setting the respective GPIO registers as described in
“GPIO Control”.
The ASRC Lock signals are inputs to the Interrupt control circuit. An interrupt event is triggered on the rising and falling
edges of the ASRC Lock signals. The associated interrupt bits are latched once set; they can be polled at any time or used
to control the IRQ
signal. See “Interrupts” for more details of the Interrupt event handling.
OVER-TEMPERATURE, SHORT CIRCUIT PROTECTION, AND SPEAKER SHUTDOWN STATUS
OUTPUT
GPn_FN = 0B6h, 0B7h, 0E0h, 0E1h, 0E2h.
The CS47L85 incorporates a temperature sensor which detects when the device temperature is within normal limits or if the
device is approaching a hazardous temperature condition.
The temperature status may be output directly on a
GPIO pin by setting the respective GPIO registers as described in “GPIO
Control
”. A GPIO pin can be used to indicate either an Overheat Warning Temperature event or an Overheat Shutdown
Temperature event.
The CS47L85 provides short circuit protection on the Class D speaker outputs, and on each of the headphone output paths.
The status of the Class D speaker short circuit detection circuits may be output directly on a GPIO pin by setting the
respective GPIO registers as described in “GPIO Control”.
If the Overheat Shutdown Temperature is exceeded, or if a short circuit is detected on the Class D speaker outputs, then
the Class D speaker outputs will automatically be disabled in order to protect the device. The General Purpose Timers can
be used as a Watchdog function to trigger a shutdown of the Class D speaker drivers. Further details of the Speaker
Shutdown functions are described in the “Thermal Shutdown and Short Circuit Protection” section. When the speaker driver
shutdown is complete, the Speaker Shutdown signal will be asserted. The speaker driver shutdown status can also be output
directly on a GPIO pin.
The Overtemperature, Short Circuit protection, and Speaker Shutdown status flags are inputs to the Interrupt control circuit.
An interrupt event may be triggered on the applicable edges of these signals. The associated interrupt bit is latched once
set; it can be polled at any time or used to control the IRQ signal. See “Interrupts” for more details of the Interrupt event
handling.
GENERAL PURPOSE TIMER STATUS OUTPUT
GPn_FN = 140h, 141h, 142h, 143h, 144h, 145h, 146h, 147h.
The General Purpose Timers can count up or down, and support continuous or single count modes. Status outputs indicating
the progress of these timers are provided. See “DSP Peripheral Control” for details of the General Purpose Timers.
A logic signal from the General Purpose Timers may be output directly on a GPIO pin by setting the respective GPIO
registers as described in “GPIO Control”. This logic signal is pulsed high whenever the respective Timer reaches its final
count value.
The General Purpose Timers also provide inputs to the Interrupt control circuit. An interrupt event is triggered whenever the
respective Timer reaches its final count value. The associated interrupt bits are latched once set; they can be polled at any
time or used to control the IRQ signal. See “Interrupts” for more details of the Interrupt event handling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com