Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 252 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 252 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 248Page - Cirrus Logic CS47L85 Datasheet HTML 249Page - Cirrus Logic CS47L85 Datasheet HTML 250Page - Cirrus Logic CS47L85 Datasheet HTML 251Page - Cirrus Logic CS47L85 Datasheet HTML 252Page - Cirrus Logic CS47L85 Datasheet HTML 253Page - Cirrus Logic CS47L85 Datasheet HTML 254Page - Cirrus Logic CS47L85 Datasheet HTML 255Page - Cirrus Logic CS47L85 Datasheet HTML 256Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 252 / 370 page
background image
CS47L85
252
Rev 4.3
FREQUENCY LOCKED LOOP (FLL) CLOCK OUTPUT
GPn_FN = 010h, 011h, 012h.
Clock outputs derived from the FLLs may be output on a GPIO pin. The GPIO output from each FLLn (where ‘n’ is 1, 2 or 3)
is controlled by the respective FLLn_GPCLK_DIV and FLLn_GPCLK_ENA registers, as described in Table 97.
It is recommended to disable the clock output (FLLn_GPCLK_ENA=0) before making any change to the respective
FLLn_GPCLK_DIV register.
Note that the FLLn_GPCLK_DIV and FLLn_GPCLK_ENA registers affect the GPIO outputs only; they do not affect the FLL
frequency. The maximum output frequency supported for GPIO output is noted in the “Electrical Characteristics”.
The Frequency Locked Loop (FLL) Clock outputs may be output directly on a GPIO pin by setting the respective GPIO
registers as described in “GPIO Control”.
See “Clocking and Sample Rates” for more details of the CS47L85 system clocking and for details of how to configure the
FLLs.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R394
(018Ah)
FLL1_GPIO
_Clock
7:1
FLL1_GPCLK_DI
V [6:0]
06h
FLL1 GPIO Clock Divider
00h to 05h = Reserved
06h= Divide by 6
07h = Divide by 7
08h = Divide by 8
09h = Divide by 9
…
7Fh = Divide by 127
(FGPIO = FVCO / FLL1_GPCLK_DIV)
0
FLL1_GPCLK_EN
A
0
FLL1 GPIO Clock Enable
0 = Disabled
1 = Enabled
R426
(01AAh)
FLL2_GPIO
_Clock
7:1
FLL2_GPCLK_DI
V [6:0]
06h
FLL2 GPIO Clock Divider
00h to 05h = Reserved
06h= Divide by 6
07h = Divide by 7
08h = Divide by 8
09h = Divide by 9
…
7Fh = Divide by 127
(FGPIO = FVCO / FLL2_GPCLK_DIV)
0
FLL2_GPCLK_EN
A
0
FLL2 GPIO Clock Enable
0 = Disabled
1 = Enabled
R458
(01CAh)
FLL3_GPIO
_Clock
7:1
FLL3_GPCLK_DI
V [6:0]
06h
FLL3 GPIO Clock Divider
00h to 05h = Reserved
06h= Divide by 6
07h = Divide by 7
08h = Divide by 8
09h = Divide by 9
…
7Fh = Divide by 127
(FGPIO = FVCO / FLL3_GPCLK_DIV)
0
FLL3_GPCLK_EN
A
0
FLL3 GPIO Clock Enable
0 = Disabled
1 = Enabled
Table 97 FLL Clock Output Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com