Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 256 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 256 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 252Page - Cirrus Logic CS47L85 Datasheet HTML 253Page - Cirrus Logic CS47L85 Datasheet HTML 254Page - Cirrus Logic CS47L85 Datasheet HTML 255Page - Cirrus Logic CS47L85 Datasheet HTML 256Page - Cirrus Logic CS47L85 Datasheet HTML 257Page - Cirrus Logic CS47L85 Datasheet HTML 258Page - Cirrus Logic CS47L85 Datasheet HTML 259Page - Cirrus Logic CS47L85 Datasheet HTML 260Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 256 / 370 page
background image
CS47L85
256
Rev 4.3
EVENT LOGGER FIFO BUFFER STATUS OUTPUT
GPn_FN = 150h, 151h, 152h, 153h, 154h, 155h, 156h, 157h.
The Event Loggers are each provided with a 16-stage FIFO buffer, in which any detected events (signal transitions) are
recorded. Status outputs for each FIFO buffer
are provided. See “DSP Peripheral Control” for details of the Event Loggers.
A logic signal from the Event Loggers may be output directly on a GPIO pin by setting the respective GPIO registers as
described in “GPIO Control”. This logic signal is set high whenever the ‘FIFO Not Empty’ condition is true.
The Event Loggers also provide inputs to the Interrupt control circuit. An interrupt event is triggered whenever the respective
FIFO condition occurs. The associated interrupt bits are latched once set; they can be polled at any time or used to control
the IRQ signal. See “Interrupts” for more details of the Interrupt event handling.
GENERAL PURPOSE SWITCH
The CS47L85 provides a General Purpose Switch, which can be used as a controllable analogue switch for external
functions. The switch is implemented between the GPSWP and GPSWN pins. Note that this feature is entirely independent
to the GPIOn pins.
The General Purpose Switch is configured using SW1_MODE. This register allows the switch to be disabled, enabled, or
synchronised to the MICDET Clamp status, as described in Table 99.
The switch is a bi-
directional analogue switch, offering flexibility in the potential circuit applications. Refer to the “Absolute
Maximum Ratings
” and “Electrical Characteristics” for further details.
The switch can be used in conjunction with the MICDET Clamp function, in order suppress pops and clicks associated with
jack insertion and removal. An example circuit is shown in Figure 69
, within the “External Accessory Detection” section. Note
that the MICDET Clamp function must also be configured appropriately when using this method of pop suppression control.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R712
(02C8h)
GP_Switch_
1
1:0
SW1_MODE [1:0]
00
General Purpose Switch control
00 = Disabled (open)
01 = Enabled (closed)
10 = Enabled when MICDET Clamp is
active
11 = Enabled when MICDET Clamp is
not active
Table 99 General Purpose Switch control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com