Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 253 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 253 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 249Page - Cirrus Logic CS47L85 Datasheet HTML 250Page - Cirrus Logic CS47L85 Datasheet HTML 251Page - Cirrus Logic CS47L85 Datasheet HTML 252Page - Cirrus Logic CS47L85 Datasheet HTML 253Page - Cirrus Logic CS47L85 Datasheet HTML 254Page - Cirrus Logic CS47L85 Datasheet HTML 255Page - Cirrus Logic CS47L85 Datasheet HTML 256Page - Cirrus Logic CS47L85 Datasheet HTML 257Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 370 page
background image
CS47L85
Rev 4.3
253
FREQUENCY LOCKED LOOP (FLL) STATUS OUTPUT
GPn_FN = 018h, 019h, 01Ah.
The CS47L85 supports FLL status flags, which may be used to control other events.
The ‘FLL Lock’ signals indicate whether
FLL Lock has been achieved.
See “Clocking and Sample Rates” for more details of the FLL.
The FLL Lock signals may be output directly on a
GPIO pin by setting the respective GPIO registers as described in “GPIO
Control
”.
The FLL Lock signals are inputs to the Interrupt Controller circuit. An interrupt event is triggered on the rising and falling
edges of these signals. The associated interrupt bits are latched once set; they can be polled at any time or used to control
the IRQ signal. See “Interrupts” for more details of the Interrupt event handling.
OPCLK AND OPCLK_ASYNC CLOCK OUTPUT
GPn_FN = 040h, 041h.
A clock output (OPCLK) derived from SYSCLK can be output on a GPIO pin. The OPCLK frequency is controlled by
OPCLK_DIV and OPCLK_SEL. The OPCLK output is enabled using the OPCLK_ENA register, as described in Table 98.
A clock output (OPCLK_ASYNC) derived from ASYNCCLK can be output on a GPIO pin. The OPCLK_ASYNC frequency
is controlled by OPCLK_ASYNC_DIV and OPCLK_ASYNC_SEL. The OPCLK_ASYNC output is enabled using the
OPCLK_ASYNC_ENA register
It is recommended to disable the clock output (OPCLK_ENA=0 or OPCLK_ASYNC_ENA=0) before making any change to
the respective OPCLK_DIV, OPCLK_SEL, OPCLK_ASYNC_DIV or OPCLK_ASYNC_SEL registers.
The OPCLK output should be kept disabled (OPCLK_ENA=0) if SYSCLK is not enabled. SYSCLK must be present and
enabled before setting the OPCLK_ENA bit. See “Clocking and Sample Rates” for further details (including requirements
for reconfiguring SYSCLK while digital core functions are enabled).
The OPCLK or OPCLK_ASYNC Clock outputs can be output directly on a GPIO pin by setting the respective GPIO registers
as described in “GPIO Control”.
Note that the OPCLK source frequency cannot be higher than the SYSCLK frequency. The OPCLK_ASYNC source
frequency cannot be higher than the ASYNCCLK frequency. The maximum output frequency supported for GPIO output is
noted in the “Electrical Characteristics”.
S
ee “Clocking and Sample Rates” for more details of the system clocks (SYSCLK and ASYNCCLK).
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R329
(0149h)
Output_syst
em_clock
15
OPCLK_ENA
0
OPCLK Enable
0 = Disabled
1 = Enabled
7:3
OPCLK_DIV [4:0]
00h
OPCLK Divider
02h = Divide by 2
04h = Divide by 4
06h = Divide by 6
… (even numbers only)
1Eh = Divide by 30
Note that only even numbered divisions
(2, 4, 6, etc.) are valid selections.
All other codes are Reserved when the
OPCLK signal is enabled.
2:0
OPCLK_SEL [2:0]
000
OPCLK Source Frequency
000 = 6.144MHz (5.6448MHz)
001 = 12.288MHz (11.2896MHz)
010 = 24.576MHz (22.5792MHz)
011 = 49.152MHz (45.1584MHz)
All other codes are Reserved
The frequencies in brackets apply for
44.1kHz-related SYSCLK rates only (i.e.,
SAMPLE_RATE_n = 01XXX).
The OPCLK Source Frequency must be
less than or equal to the SYSCLK
frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com