Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 249 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 249 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 245Page - Cirrus Logic CS47L85 Datasheet HTML 246Page - Cirrus Logic CS47L85 Datasheet HTML 247Page - Cirrus Logic CS47L85 Datasheet HTML 248Page - Cirrus Logic CS47L85 Datasheet HTML 249Page - Cirrus Logic CS47L85 Datasheet HTML 250Page - Cirrus Logic CS47L85 Datasheet HTML 251Page - Cirrus Logic CS47L85 Datasheet HTML 252Page - Cirrus Logic CS47L85 Datasheet HTML 253Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 249 / 370 page
background image
CS47L85
Rev 4.3
249
GPn_FN
DESCRIPTION
COMMENTS
140h
Timer 1 Status
Timer n Status
A pulse is output after the respective Timer reaches its
final count value.
141h
Timer 2 Status
142h
Timer 3 Status
143h
Timer 4 Status
144h
Timer 5 Status
145h
Timer 6 Status
146h
Timer 7 Status
147h
Timer 8 Status
150h
Event Log 1 FIFO Not
Empty Status
Event Log n FIFO Not Empty status
0 = FIFO Empty
1 = FIFO Not Empty
151h
Event Log 2 FIFO Not
Empty Status
152h
Event Log 3 FIFO Not
Empty Status
153h
Event Log 4 FIFO Not
Empty Status
154h
Event Log 5 FIFO Not
Empty Status
155h
Event Log 6 FIFO Not
Empty Status
156h
Event Log 7 FIFO Not
Empty Status
157h
Event Log 8 FIFO Not
Empty Status
Table 95 GPIO Function Select



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com