Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 241 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 241 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 237Page - Cirrus Logic CS47L85 Datasheet HTML 238Page - Cirrus Logic CS47L85 Datasheet HTML 239Page - Cirrus Logic CS47L85 Datasheet HTML 240Page - Cirrus Logic CS47L85 Datasheet HTML 241Page - Cirrus Logic CS47L85 Datasheet HTML 242Page - Cirrus Logic CS47L85 Datasheet HTML 243Page - Cirrus Logic CS47L85 Datasheet HTML 244Page - Cirrus Logic CS47L85 Datasheet HTML 245Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 370 page
background image
CS47L85
Rev 4.3
241
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R667
(029Bh)
Headphone
_Detect_1
10:9
HP_IMPEDANCE
_RANGE [1:0]
00
Headphone Detect Range
00 = 4 ohms to 30 ohms
01 = 8 ohms to 100 ohms
10 = 100 ohms to 1k ohms
11 = 1k ohms to 10k ohms
Only valid when ACCDET_MODE=001 or
ACCDET_MODE=010.
4:3
HP_CLK_DIV
[1:0]
00
Headphone Detect Clock Rate
(Selects the clocking rate of the headphone detect
adjustable current source. Decreasing the clock rate will
give a slower measurement time.)
00 = 32kHz
01 = 16kHz
10 = 8kHz
11 = 4kHz
2:1
HP_RATE [1:0]
00
Headphone Detect Sweep Rate
(Selects the step size between successive measurements.
Increasing the step size will give a faster measurement
time.)
00 = 1
01 = 2
10 = 4
11 = Reserved
0
HP_POLL
0
Headphone Detect Enable
Write 1 to start HP Detect function
R668
(029Ch)
Headphone
_Detect_2
15
HP_DONE
0
Headphone Detect Status
0 = HP Detect not complete
1 = HP Detect done
14:0
HP_LVL [14:0]
0000h
Headphone Detect Level
LSB = 0.5ohm
8 = 4ohm or less
9 = 4.5 ohm
10 = 5 ohm
11 = 5.5 ohm
….
20,000 = 10k ohm or more
When ACCDET_MODE=001 or 010, this field is valid from
4ohm to10k ohm.
When ACCDET_MODE=100, this field is valid from 400ohm
to 6k ohm.
Note that, when ACCDET_MODE=001 or 010, the HP_LVL
readback is only valid within the range selected by
HP_IMPEDANCE_RANGE.
If HP_LVL reports a value outside the selected range, then
the range should be adjusted and the measurement
repeated.
A result of 0 ohms may be reported if the measurement is
less than the minimum value for the selected range.
R669
(029Dh)
Headphone
_Detect_3
9:0
HP_DACVAL [9:0]
000h
Headphone Detect Level
(Coded as integer, LSB=1. See separate description for full
decode information.)
R671
(029Fh)
Headphone
_Detect_5
9:0
HP_DACVAL_DO
WN [9:0]
000h
Headphone Detect Level
(Coded as integer, LSB=1. See separate description for full
decode information.)
Table 91 Headphone Detect Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com