Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 238 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 238 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 234Page - Cirrus Logic CS47L85 Datasheet HTML 235Page - Cirrus Logic CS47L85 Datasheet HTML 236Page - Cirrus Logic CS47L85 Datasheet HTML 237Page - Cirrus Logic CS47L85 Datasheet HTML 238Page - Cirrus Logic CS47L85 Datasheet HTML 239Page - Cirrus Logic CS47L85 Datasheet HTML 240Page - Cirrus Logic CS47L85 Datasheet HTML 241Page - Cirrus Logic CS47L85 Datasheet HTML 242Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 238 / 370 page
background image
CS47L85
238
Rev 4.3
MICBn_ENA=0 :
MICBIASn is enabled periodically for measurement function
Measurement time
(100us to 500us)
MICD_RATE
(0ms to 512ms; 0.25ms default)
MICD_BIAS_STARTTIME
(0ms to 512ms; 0.25ms default)
time
MICBn_ENA=1 :
MICBIASn is enabled constantly
MICD_RATE
(0ms to 512ms; 0.25ms default)
time
Measurement time
(100us to 500us)
Figure 71 Microphone and Accessory Detect Timing
HEADPHONE DETECT
The CS47L85 headphone detection circuit measures the impedance of an external headphone load. This feature can be
used to set different gain levels or to apply other configuration settings according to the type of load connected. Separate
monitor pins are provided for headphone detection on the left and right channels of HPOUT1.
Headphone detection can be enabled on the HPDETL pin or the HPDETR pin. Under recommended configuration, these
pins provide measurement of the HPOUT1L and HPOUT1R loads respectively.
The headphone detect function can also be enabled on the MICDET1 pin or the MICDET2 pin. Note that, in this configuration,
any MICBIAS output that is connected to the selected MICDET pin must be disabled and floating (MICBn_ENA=0,
MICBn_DISCH=0).
The applicable headphone detection pin is selected using the ACCDET_MODE register. When MICDETn is selected
(ACCDET_MODE=100), the applicable MICDETn pin is determined by the ACCDET_SRC register, as described in Table
91.
The CS47L85 can only support one headphone or microphone detection function at any time. When the detection function
is not in use, it is recommended to set ACCDET_MODE=000.
Headphone detection on the selected channel is commanded by writing a ‘1’ to the HP_POLL register bit. The impedance
measurement range is configured using the HP_IMPEDANCE_RANGE register. This register should be set in accordance
with the expected load impedance.
Note that a number of separate measurements (for different impedance ranges) are typically required in order to determine
the load impedance; the recommended control sequence is described below.
Note that setting the HP_IMPEDANCE_RANGE register is not required for detection on the MICDETn pins
(ACCDET_MODE=100). Note also that the impedance measurement range, and measurement accuracy, in this mode are
different to the HPDETL and HPDETR measurement modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com