Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 231 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 231 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 227Page - Cirrus Logic CS47L85 Datasheet HTML 228Page - Cirrus Logic CS47L85 Datasheet HTML 229Page - Cirrus Logic CS47L85 Datasheet HTML 230Page - Cirrus Logic CS47L85 Datasheet HTML 231Page - Cirrus Logic CS47L85 Datasheet HTML 232Page - Cirrus Logic CS47L85 Datasheet HTML 233Page - Cirrus Logic CS47L85 Datasheet HTML 234Page - Cirrus Logic CS47L85 Datasheet HTML 235Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 370 page
background image
CS47L85
Rev 4.3
231
HPOUT1FB1/
MICDET2
MICDET1/
HPOUT1FB2
MICBIASn
C
* IN1BP, IN2BLP, IN2BR
R1+R2 = 2.2k
 (+/-2%)
GPSWA
GPSWB
R1
R2
C
* Note: The Jack plug is shown partially
removed, with the MICDET1 pin in
contact with the headphone load.
* see note
General Purpose
Switch Control
SW1_MODE
CS47L85
MICDET
Clamp Control
MICD_CLAMP_OVD
MICD_CLAMP_MODE
MICD_CLAMP_STS
MICD_CLAMP_DB
When the MICDET Clamp is active in the configuration shown, the
MICDET1 pin is grounded via the headphone jack ground connection.
* Note that the IN1B or IN2B analogue
mic channel is recommended with the
external accessory detect function
Figure 69 General Purpose Switch circuit
The control registers associated with the MICDET Clamp and General Purpose Switch functions are described in Table 86.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R65 (0041h)
Sequence_c
ontrol
7
WSEQ_ENA_MIC
D_CLAMP_FALL
0
MICDET Clamp (Falling) Write
Sequencer Select
0 = Disabled
1 = Enabled
6
WSEQ_ENA_MIC
D_CLAMP_RISE
0
MICDET Clamp (Rising) Write
Sequencer Select
0 = Disabled
1 = Enabled
R710
(02C6h)
Micd_Clamp
_control
4
MICD_CLAMP_O
VD
1
MICDET Clamp Override
0 = Disabled
1 = Enabled (Clamp active)
3:0
MICD_CLAMP_M
ODE [3:0]
0000
MICDET Clamp Mode
0h = Disabled
1h = Active (MICDET1 and MICDET2
are shorted together)
2h = Reserved
3h = Reserved
4h = Active when JD1=0
5h = Active when JD1=1
6h = Active when JD2=0
7h = Active when JD2=1
8h = Active when JD1=0 or JD2=0
9h = Active when JD1=0 or JD2=1
Ah = Active when JD1=1 or JD2=0
Bh = Active when JD1=1 or JD2=1
Ch = Active when JD1=0 and JD2=0
Dh = Active when JD1=0 and JD2=1
Eh = Active when JD1=1 and JD2=0
Fh = Active when JD1=1 and JD2=1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com