Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 224 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 224 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 220Page - Cirrus Logic CS47L85 Datasheet HTML 221Page - Cirrus Logic CS47L85 Datasheet HTML 222Page - Cirrus Logic CS47L85 Datasheet HTML 223Page - Cirrus Logic CS47L85 Datasheet HTML 224Page - Cirrus Logic CS47L85 Datasheet HTML 225Page - Cirrus Logic CS47L85 Datasheet HTML 226Page - Cirrus Logic CS47L85 Datasheet HTML 227Page - Cirrus Logic CS47L85 Datasheet HTML 228Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 224 / 370 page
background image
CS47L85
224
Rev 4.3
SPEAKER OUTPUTS (DIGITAL PDM)
The CS47L85 supports a four-channel Pulse Density Modulation (PDM) digital speaker interface; the PDM outputs are
associated with the OUT5L, OUT5R, OUT6L and OUT6R output signal paths.
The PDM digital speaker interface comprises two stereo interfaces; the operation of one interface is illustrated in Figure 64.
The external connections associated with the PDM outputs are implemented on multi-function GPIO pins, which must be
configured for the respective PDM functions when required. The PDM output connections are pin-specific alternative
functions available on specific GPIO pins. See “General Purpose Input / Output” to configure the GPIO pins for the PDM
output.
The OUT5L and OUT5R output signal paths are interleaved on the SPKDAT1 output, and clocked using SPKCLK1. The
OUT6L and OUT6R output signal paths are interleaved on the SPKDAT2 output, and clocked using SPKCLK2.
Note that the PDM interface supports two different operating modes; these are selected using the SPK1_FMT and
SPK2_FMT register bits. See “Signal Timing Requirements” for detailed timing information in both modes.
When SPKn_FMT = 0 (Mode A), then the Left PDM channel is valid at the rising edge of SPKCLK; the Right PDM channel
is valid at the falling edge of SPKCLK.
When SPKn_FMT = 1 (Mode B), then the Left PDM channel is valid during the low phase of SPKCLK; the Right PDM
channel is valid during the high phase of SPKCLK.
SPKCLK output (Mode A)
SPKDAT output
(left & right channels interleaved)
1
2
1
2
1
2
Left channel output
1
1
1
Right channel output
2
2
2
SPKCLK output (Mode B)
Figure 64 Digital Speaker (PDM) Interface Timing
Clocking for the PDM interface is derived from SYSCLK. Note that the SYSCLK_ENA register must also be set. See
“Clocking and Sample Rates” for further details of the system clocks and control registers.
When the OUT5L or OUT5R output signal path is enabled, the PDM interface clock signal is output on the SPKCLK1 pin.
When the OUT6L or OUT6R output signal path is enabled, the PDM interface clock signal is output on the SPKCLK2 pin.
The output signal paths support normal and high performa
nce operating modes, as described in the “Output Signal Path”
section. The SPKCLKn frequency is set according to the operating mode of the relevant output path, as described in Table
82. The OUT5_OSR and OUT6_OSR register bits are defined in Table 73.
Note that the SPKCLKn frequencies noted in Table 82 and Table 83 assume that the SYSCLK frequency is a multiple of
6.144MHz (SYSCLK_FRAC=0). If the SYSCLK frequency is a multiple of 5.6448MHz (SYSCLK_FRAC=1), then the
SPKCLKn frequencies will be scaled accordingly.
OUT5_OSR
DESCRIPTION
SPKCLK1 FREQUENCY
0
Normal mode
3.072MHz
1
High Performance mode
6.144MHz
Table 82 SPKCLK1 Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com