Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 277 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 277 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 273Page - Cirrus Logic CS47L85 Datasheet HTML 274Page - Cirrus Logic CS47L85 Datasheet HTML 275Page - Cirrus Logic CS47L85 Datasheet HTML 276Page - Cirrus Logic CS47L85 Datasheet HTML 277Page - Cirrus Logic CS47L85 Datasheet HTML 278Page - Cirrus Logic CS47L85 Datasheet HTML 279Page - Cirrus Logic CS47L85 Datasheet HTML 280Page - Cirrus Logic CS47L85 Datasheet HTML 281Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 277 / 370 page
background image
CS47L85
Rev 4.3
277
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
3
GP20_EINT2
0
GPIO20 Interrupt
(Rising and falling edge triggered)
Note: Cleared when a ‘1’ is written.
2
GP19_EINT2
0
GPIO19 Interrupt
(Rising and falling edge triggered)
Note:
Cleared when a ‘1’ is written.
1
GP18_EINT2
0
GPIO18 Interrupt
(Rising and falling edge triggered)
Note: Cleared when a ‘1’ is written.
0
GP17_EINT2
0
GPIO17 Interrupt
(Rising and falling edge triggered)
Note: Cleared when a ‘1’ is written.
R6418
(1912h)
IRQ2_Statu
s_19
7
GP40_EINT2
0
GPIO40 Interrupt
(Rising and falling edge triggered)
Note: Cleared when a ‘1’ is written.
6
GP39_EINT2
0
GPIO39 Interrupt
(Rising and falling edge triggered)
Note: Cleared when a ‘1’ is written.
5
GP38_EINT2
0
GPIO38 Interrupt
(Rising and falling edge triggered)
Note: Cleared when a ‘1’ is written.
4
GP37_EINT2
0
GPIO37 Interrupt
(Rising and falling edge triggered)
Note: Cleared when a ‘1’ is written.
3
GP36_EINT2
0
GPIO36 Interrupt
(Rising and falling edge triggered)
Note: Cleared when a ‘1’ is written.
2
GP35_EINT2
0
GPIO35 Interrupt
(Rising and falling edge triggered)
Note: Cleared when a ‘1’ is written.
1
GP34_EINT2
0
GPIO34 Interrupt
(Rising and falling edge triggered)
Note: Cleared when a ‘1’ is written.
0
GP33_EINT2
0
GPIO33 Interrupt
(Rising and falling edge triggered)
Note: Cleared when a ‘1’ is written.
R6420
(1914h)
IRQ2_Statu
s_21
7
TIMER8_EINT2
0
Timer 8 Interrupt
(Rising edge triggered)
Note: Cleared when a ‘1’ is written.
6
TIMER7_EINT2
0
Timer 7 Interrupt
(Rising edge triggered)
Note: Cleared when a ‘1’ is written.
5
TIMER6_EINT2
0
Timer 6 Interrupt
(Rising edge triggered)
Note: Cleared when a ‘1’ is written.
4
TIMER5_EINT2
0
Timer 5 Interrupt
(Rising edge triggered)
Note: Cleared when a ‘1’ is written.
3
TIMER4_EINT2
0
Timer 4 Interrupt
(Rising edge triggered)
Note: Cleared when a ‘1’ is written.
2
TIMER3_EINT2
0
Timer 3 Interrupt
(Rising edge triggered)
Note: Cleared when a ‘1’ is written.
1
TIMER2_EINT2
0
Timer 2 Interrupt
(Rising edge triggered)
Note: Cleared when a ‘1’ is written.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com