Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 279 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 279 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 275Page - Cirrus Logic CS47L85 Datasheet HTML 276Page - Cirrus Logic CS47L85 Datasheet HTML 277Page - Cirrus Logic CS47L85 Datasheet HTML 278Page - Cirrus Logic CS47L85 Datasheet HTML 279Page - Cirrus Logic CS47L85 Datasheet HTML 280Page - Cirrus Logic CS47L85 Datasheet HTML 281Page - Cirrus Logic CS47L85 Datasheet HTML 282Page - Cirrus Logic CS47L85 Datasheet HTML 283Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 279 / 370 page
background image
CS47L85
Rev 4.3
279
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
5
EVENT6_WMAR
K_EINT2
0
Event Log 6 FIFO Watermark Interrupt
(Rising edge triggered)
Note: Cleared when a ‘1’ is written.
4
EVENT5_WMAR
K_EINT2
0
Event Log 5 FIFO Watermark Interrupt
(Rising edge triggered)
Note: Cleared when a ‘1’ is written.
3
EVENT4_WMAR
K_EINT2
0
Event Log 4 FIFO Watermark Interrupt
(Rising edge triggered)
Note:
Cleared when a ‘1’ is written.
2
EVENT3_WMAR
K_EINT2
0
Event Log 3 FIFO Watermark Interrupt
(Rising edge triggered)
Note: Cleared when a ‘1’ is written.
1
EVENT2_WMAR
K_EINT2
0
Event Log 2 FIFO Watermark Interrupt
(Rising edge triggered)
Note: Cleared
when a ‘1’ is written.
0
EVENT1_WMAR
K_EINT2
0
Event Log 1 FIFO Watermark Interrupt
(Rising edge triggered)
Note: Cleared when a ‘1’ is written.
R6424
(1918h)
IRQ2_Statu
s_25
6
DSP7_DMA_EIN
T2
0
DSP7 DMA Interrupt
(Rising edge triggered)
Note: Cleared when
a ‘1’ is written.
5
DSP6_DMA_EIN
T2
00
DSP6 DMA Interrupt
(Rising edge triggered)
Note: Cleared when a ‘1’ is written.
4
DSP5_DMA_EIN
T2
00
DSP5 DMA Interrupt
(Rising edge triggered)
Note: Cleared when a ‘1’ is written.
3
DSP4_DMA_EIN
T2
00
DSP4 DMA Interrupt
(Rising edge triggered)
Note: Cleared when a ‘1’ is written.
2
DSP3_DMA_EIN
T2
00
DSP3 DMA Interrupt
(Rising edge triggered)
Note: Cleared when a ‘1’ is written.
1
DSP2_DMA_EIN
T2
00
DSP2 DMA Interrupt
(Rising edge triggered)
Note: Cleared when
a ‘1’ is written.
0
DSP1_DMA_EIN
T2
00
DSP1 DMA Interrupt
(Rising edge triggered)
Note: Cleared when a ‘1’ is written.
R6426
(191Ah)
IRQ2_Statu
s_27
6
DSP7_START1_
EINT2
0
DSP7 Start 1 Interrupt
(Rising edge triggered)
Note: Cleared when a ‘1’ is written.
5
DSP6_START1_
EINT2
0
DSP6 Start 1 Interrupt
(Rising edge triggered)
Note: Cleared when a ‘1’ is written.
4
DSP5_START1_
EINT2
0
DSP5 Start 1 Interrupt
(Rising edge triggered)
Note: Cleared when a ‘1’ is written.
3
DSP4_START1_
EINT2
0
DSP4 Start 1 Interrupt
(Rising edge triggered)
Note: Cleared when a ‘1’ is written.
2
DSP3_START1_
EINT2
0
DSP3 Start 1 Interrupt
(Rising edge triggered)
Note: Cleared when a ‘1’ is written.
1
DSP2_START1_
EINT2
0
DSP2 Start 1 Interrupt
(Rising edge triggered)
Note:
Cleared when a ‘1’ is written.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com