| Electronic Components Datasheet Search |
|
CS47L85 Datasheet(PDF) 280 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS47L85 Datasheet(HTML) 280 Page - Cirrus Logic |
|
280 / 370 page ![]() CS47L85 280 Rev 4.3 REGISTER ADDRESS BIT LABEL DEFAULT DESCRIPTION 0 DSP1_START1_ EINT2 0 DSP1 Start 1 Interrupt (Rising edge triggered) Note: Cleared when a ‘1’ is written. R6427 (191Bh) IRQ2_Statu s_28 6 DSP7_START2_ EINT2 0 DSP7 Start 2 Interrupt (Rising edge triggered) Note: Cleared when a ‘1’ is written. 5 DSP6_START2_ EINT2 0 DSP6 Start 2 Interrupt (Rising edge triggered) Note: Cleared when a ‘1’ is written. 4 DSP5_START2_ EINT2 0 DSP5 Start 2 Interrupt (Rising edge triggered) Note: Cleared when a ‘1’ is written. 3 DSP4_START2_ EINT2 0 DSP4 Start 2 Interrupt (Rising edge triggered) Note: Cleared when a ‘1’ is written. 2 DSP3_START2_ EINT2 0 DSP3 Start 2 Interrupt (Rising edge triggered) Note: Cleared when a ‘1’ is written. 1 DSP2_START2_ EINT2 0 DSP2 Start 2 Interrupt (Rising edge triggered) Note: Cleared when a ‘1’ is written. 0 DSP1_START2_ EINT2 0 DSP1 Start 2 Interrupt (Rising edge triggered) Note: Cleared when a ‘1’ is written. R6429 (191Dh) IRQ2_Statu s_30 6 DSP7_BUSY_EI NT2 0 DSP7 Busy Interrupt (Rising edge triggered) Note: Cleared when a ‘1’ is written. 5 DSP6_BUSY_EI NT2 0 DSP6 Busy Interrupt (Rising edge triggered) Note: Cleared when a ‘1’ is written. 4 DSP5_BUSY_EI NT2 0 DSP5 Busy Interrupt (Rising edge triggered) Note: Cleared when a ‘1’ is written. 3 DSP4_BUSY_EI NT2 0 DSP4 Busy Interrupt (Rising edge triggered) Note: Cleared when a ‘1’ is written. 2 DSP3_BUSY_EI NT2 0 DSP3 Busy Interrupt (Rising edge triggered) Note: Cleared when a ‘1’ is written. 1 DSP2_BUSY_EI NT2 0 DSP2 Busy Interrupt (Rising edge triggered) Note: Cleared when a ‘1’ is written. 0 DSP1_BUSY_EI NT2 0 DSP1 Busy Interrupt (Rising edge triggered) Note: Cleared when a ‘1’ is written. R6430 (191Eh) IRQ2_Statu s_31 2 MIF3_DONE_EIN T2 0 MIF3 Done Interrupt (Rising edge triggered) Note: Cleared when a ‘1’ is written. 1 MIF2_DONE_EIN T2 0 MIF2 Done Interrupt (Rising edge triggered) Note: Cleared when a ‘1’ is written. 0 MIF1_DONE_EIN T2 0 MIF1 Done Interrupt (Rising edge triggered) Note: Cleared when a ‘1’ is written. R6431 (191Fh) IRQ2_Statu 2 MIF3_BLOCK_EI NT2 0 MIF3 Block Interrupt (Rising edge triggered) Note: Cleared when a ‘1’ is written. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |