Electronic Components Datasheet Search
  English  ▼

X  

TC006 Datasheet(PDF) 88 Page - Allen-Bradley

Part # TC006
Description  IEC Contactor Specifications
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

TC006 Datasheet(HTML) 88 Page - Allen-Bradley

Back Button TC006 Datasheet HTML 84Page - Allen-Bradley TC006 Datasheet HTML 85Page - Allen-Bradley TC006 Datasheet HTML 86Page - Allen-Bradley TC006 Datasheet HTML 87Page - Allen-Bradley TC006 Datasheet HTML 88Page - Allen-Bradley TC006 Datasheet HTML 89Page - Allen-Bradley TC006 Datasheet HTML 90Page - Allen-Bradley TC006 Datasheet HTML 91Page - Allen-Bradley TC006 Datasheet HTML 92Page - Allen-Bradley Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 114 page
background image
88
Rockwell Automation Publication 100-TD013J-EN-P - April 2021
100-E/104-E, 100S-E/104S-E Contactors
Specifications
Table 46 - Main Circuits
100/104-E, 100S-E
116
146
190
205
265
305
370
400
460
580
750
860
1060
1260
2050 2650
Switching of 3-phase Capacitors, AC-6b (50 Hz)
Single capacitor
40 °C
230V
[kVAR]
40
50
60
75
85
100
110
120
140
170
220
250
300
—
—
—
240V
[kVAR]
40
50
60
75
85
100
110
120
140
170
220
250
300
—
—
—
400V
[kVAR]
75
90
110
130
145
165
200
210
240
285
400
450
500
—
—
—
415V
[kVAR]
75
90
110
130
145
165
200
210
240
285
400
450
500
—
—
—
500V
[kVAR]
83
110
140
160
180
210
240
260
325
350
490
550
600
—
—
—
690V
[kVAR]
80
110
135
170
200
240
280
300
325
440
600
650
800
—
—
—
1000V
[kVAR]
—
100
140
150
155
160
170
250
300
350
450
————
—
Single capacitor
55 °C
230V
[kVAR]
40
50
60
75
85
100
110
120
140
170
220
250
300
—
—
—
240V
[kVAR]
40
50
60
75
85
100
110
120
140
170
220
250
300
—
—
—
400V
[kVAR]
75
90
110
130
145
165
200
210
240
285
400
450
500
—
—
—
415V
[kVAR]
75
90
110
130
145
165
200
210
240
285
400
450
500
—
—
—
500V
[kVAR]
83
110
140
160
180
210
240
260
325
350
490
550
600
—
—
—
690V
[kVAR]
80
110
135
170
200
240
280
300
325
440
600
650
800
—
—
—
1000V
[kVAR]
—
100
140
150
155
160
170
250
300
350
450
————
—
Single capacitor
70 °C
230V
[kVAR]
35
42
45
57
70
85
100
105
120
160
190
230
280
—
—
—
240V
[kVAR]
35
42
45
57
70
85
100
105
120
160
190
230
280
—
—
—
400V
[kVAR]
65
74
83
105
135
155
180
195
225
275
370
430
480
—
—
—
415V
[kVAR]
65
74
83
105
135
155
180
195
225
275
370
430
480
—
—
—
500V
[kVAR]
78
96
102
130
165
196
220
241
300
340
435
530
570
—
—
—
690V
[kVAR]
75
110
135
160
200
240
260
300
325
440
600
630
750
—
—
—
1000V
[kVAR]
—
95
120
130
140
150
160
220
270
300
400
————
—
60 Hz Single Capacitor (cULus)
Single capacitor
40 °C
208V
[kVAR]
33
41
50
67
83
100
125
119
142
178
214
—
346
—
—
—
240V
[kVAR]
38
48
57
77
95
115
144
137
164
205
247
—
398
—
—
—
480V
[kVAR]
75
100
125
150
200
250
300
274
329
411
494
—
832
—
—
—
600V
[kVAR]
100
125
150
200
250
300
350
343
410
514
618
—
1040
—
—
—
Switching of Lamps
Gas discharge lamps
AC-5a
open
[A]
116
146
190
205
265
305
370
400
460
580
750
877
1072
812
1332
1722
UL Ballast Ratings
[A]
160
200
250
300
400
450
520
———
—————
—
Filament AC-5b
230/
240V
[A]
116
146
190
205
265
305
370
400
460
580
750
877
1072
812
1332
1722



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com