Electronic Components Datasheet Search
  English  ▼

X  

TC006 Datasheet(PDF) 41 Page - Allen-Bradley

Part # TC006
Description  IEC Contactor Specifications
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

TC006 Datasheet(HTML) 41 Page - Allen-Bradley

Back Button TC006 Datasheet HTML 37Page - Allen-Bradley TC006 Datasheet HTML 38Page - Allen-Bradley TC006 Datasheet HTML 39Page - Allen-Bradley TC006 Datasheet HTML 40Page - Allen-Bradley TC006 Datasheet HTML 41Page - Allen-Bradley TC006 Datasheet HTML 42Page - Allen-Bradley TC006 Datasheet HTML 43Page - Allen-Bradley TC006 Datasheet HTML 44Page - Allen-Bradley TC006 Datasheet HTML 45Page - Allen-Bradley Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 114 page
background image
Rockwell Automation Publication 100-TD013J-EN-P - April 2021
41
100-C/104-C, 100S-C/104S-C, 100Q-C Contactors
Specifications
Table 13 - Main Circuits
100/104-C, 100S/104S-C
09
12
16
23
30
37
43
55
60
72
85
97
Coil Type:
Conventional
X
X
X
X
X
X
X
X
X
X
X
X
Electronic — EI
X
X
X
X
X
X
X
X
—
—
—
—
60 Hz Peak Inrush/peak rated transformer current
n=15
[A]
22222222
40
40
46
46
82
82
82
97
Apparent Power
200V
[kVA]
7.5
7.5
7.5
7.5
13.9
13.9
15.9
15.9
28.4
28.4
28.4
33.6
208V
[kVA]
7.8
7.8
7.8
7.8
14.4
14.4
16.6
16.6
29.5
29.5
29.5
34.9
240V
[kVA]
9.0
9.0
9.0
9.0
16.6
16.6
19.1
19.1
34.1
34.1
34.1
40.3
480V
[kVA]
18.1
18.1
18.1
18.1
33.3
33.3
38.2
38.2
68.2
68.2
68.2
80.6
600V
[kVA]
22.6
22.6
22.6
22.6
41.6
41.6
47.8
47.8
85.2
85.2
85.2
100.8
660V
[kVA]
24.9
24.9
24.9
24.9
45.7
45.7
52.6
52.6
93.7
93.7
93.7
110.9
Table 14 - Main Circuits
100/104-C, 100S/104S-C
09
12
16
23
30
37
40*200 40*400
43
55
60
72
85
90*200 90*400
97
Coil Type:
Conventional
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
Electronic — EI
X
X
X
X
X
X
X
X
X
X
—
—
—
—
—
—
Switching of 3-phase Capacitors, AC-6b (50 Hz)(1)
(1)
Inductance of leads between capacitors in parallel: min. 6 µH (100-C09…C30 contactors: min 30 µH)
Single capacitor
40 °C (104 °F)
230V
[kVAR]
8
8
8.5
9
14
14
—
—
24
24
28
28
28
—
—
28
240V
[kVAR]
8
8
8.5
9
14
14
—
—
25
25
29
29
29
—
—
29
400V
[kVAR]
8
8
10
12.5
20
24
—
—
35
35
48
48
48
—
—
48
415V
[kVAR]
8
8
10
12.5
20
25
—
—
35
35
50
50
50
—
—
50
500V
[kVAR]
8
8
10
12.5
20
25
—
—
35
35
50
55
60
—
—
60
690V
[kVAR]
8
8
10
12.5
20
25
—
—
35
35
50
55
60
—
—
60
Single capacitor
60 °C (140 °F)
230V
[kVAR]
8
8
8.5
9
12.5
12.5
—
—
18
18
28
28
28
—
—
28
240V
[kVAR]
8
8
8.5
9
12.5
12.5
—
—
18
18
29
29
29
—
—
29
400V
[kVAR]
8
8
10
12.5
20
21.5
—
—
30
30
42
48
48
—
—
48
415V
[kVAR]
8
8
10
12.5
20
22
—
—
30
30
42
50
50
—
—
50
500V
[kVAR]
8
8
10
12.5
20
25
—
—
30
30
42
50
55
—
—
55
690V
[kVAR]
8
8
10
12.5
20
25
—
—
30
30
42
50
55
—
—
55
Group capacitors
40 °C (104 °F)
230V
[kVAR]
5
5
8
9
12.5
14
—
—
20
20
28
28
28
—
—
28
240V
[kVAR]
5
5
8
9
12.5
14
—
—
20
20
29
29
29
—
—
29
400V
[kVAR]
5
5
8
10
15
20
—
—
25
25
40
48
48
—
—
48
415V
[kVAR]
5
5
8
10
15
20
—
—
25
25
40
50
50
—
—
50
500V
[kVAR]
5
5
8
10
15
20
—
—
25
25
40
50
50
—
—
50
690V
[kVAR]
5
5
8
10
15
20
—
—
25
25
40
50
50
—
—
50
Group capacitors
60 °C (140 °F)
230V
[kVAR]
5
5
8
9
12.5
12.5
—
—
18
18
28
28
28
—
—
28
240V
[kVAR]
5
5
8
9
12.5
12.5
—
—
18
18
29
29
29
—
—
29
400V
[kVAR]
5
5
8
10
15
20
—
—
25
25
40
48
48
—
—
48
415V
[kVAR]
5
5
8
10
15
20
—
—
25
25
40
50
50
—
—
50
500V
[kVAR]
5
5
8
10
15
20
—
—
25
25
40
50
50
—
—
50
690V
[kVAR]
5
5
8
10
15
20
—
—
25
25
40
50
50
—
—
50
60 Hz Single Capacitor
— 40 °C (104 °F)
200V
[kVAR]
5
5
8
9
12.5
14
—
—
20
20
28
28
28
—
—
28
230V
[kVAR]
5
5
8
9
12.5
14
—
—
20
20
29
29
29
—
—
29
460V
[kVAR]
5
5
8
10
15
20
—
—
25
25
40
50
50
—
—
50
600V
[kVAR]
5
5
8
10
15
20
—
—
25
25
40
50
50
—
—
50
60 Hz Group
Capacitors —
40 °C (104 °F)
200V
[kVAR]
5
5
8
9
12.5
12.5
—
—
18
18
28
28
28
—
—
28
230V
[kVAR]
5
5
8
9
12.5
12.5
—
—
18
18
29
29
29
—
—
29
460V
[kVAR]
5
5
8
10
15
20
—
—
25
25
40
50
50
—
—
50
600V
[kVAR]
5
5
8
10
15
20
—
—
25
25
40
50
50
—
—
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com