Electronic Components Datasheet Search
  English  ▼

X  

TC006 Datasheet(PDF) 33 Page - Allen-Bradley

Part # TC006
Description  IEC Contactor Specifications
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

TC006 Datasheet(HTML) 33 Page - Allen-Bradley

Back Button TC006 Datasheet HTML 29Page - Allen-Bradley TC006 Datasheet HTML 30Page - Allen-Bradley TC006 Datasheet HTML 31Page - Allen-Bradley TC006 Datasheet HTML 32Page - Allen-Bradley TC006 Datasheet HTML 33Page - Allen-Bradley TC006 Datasheet HTML 34Page - Allen-Bradley TC006 Datasheet HTML 35Page - Allen-Bradley TC006 Datasheet HTML 36Page - Allen-Bradley TC006 Datasheet HTML 37Page - Allen-Bradley Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 114 page
background image
Rockwell Automation Publication 100-TD013J-EN-P - April 2021
33
100-C/104-C, 100S-C/104S-C, 100Q-C Contactors
Accessories
Additional Control Modules
Description
Voltage Range
Connection
Diagrams
For Use With
Cat. No.
DC Interface (Electronic)
• Interface between the DC control signal (PLC) and the AC
operating mechanism of the contactor.
• Requires no additional surge suppression on the relay
coils.
Input: 12V DC
Output: 110...240V AC
100-C with AC coils
110...240V AC
100-JE12
Input: 18...30V DC
Output: 110...240V AC
100-JE
Input: 48V DC
Output: 110...240V AC
100-JE48
Surge Suppressors
• For limitation of coil switching
transients.
• Plug-in, coil mounted.
• Suitable for 100-C contactor
sizes, 9...97 A.
• RC, varistor, and diode
versions.
RC Module
AC operating mechanism
24...48V AC, 50/60 Hz
100-C with Coils
100-FSC48(1)
(1)
For screwless terminals, insert “CR” after the “100-” in the catalog number. Example: Cat No. 100-FSC48 becomes Cat. No.-CRFSC48.
110...280V AC, 50/60 Hz
100-FSC280(1)
380...480V AC, 50/60 Hz
100-FSC480(1)
Varistor Module
AC/DC operating
mechanism
12...55V AC, 12...77V DC
100-C with AC coils
or 100-C09...-C43
with DC coils
100-FSV55(1)
56...136V AC/78...180V DC
100-FSV136(1)
137...277V AC/ 181...350V DC
100-FSV277(1)
278...575V AC
100-FSV575(1)
Diode Module
DC operating mechanism
1...30 s
10...180 s
100-C09...-C43 with
DC coils
100-FSD250(1)
Assembly Components (For 100-C09...C97 contactors)
Description
For Use With
Pkg. Qty.
Cat. No.
Dovetail Connectors
• For use in contactor and starter assemblies
• Single Connector — 0 mm spacing
100-C
10
100-S0
Dovetail Connectors
• For use in contactor and starter assemblies
• Single Connector — 9 mm spacing
10
100-S9
Protective Covers
• Provides protection against unintended manual operation
• For contactors and front-mounted auxiliary contacts, pneumatic
timers, and latches
100-C all
1
100-SCCA
100-FA, -FB, -FC, -FP, -FL
10
100-SCFA
Reversing Power Wiring Kits
• For reversing connection with a solid-state or thermal overload relay
100-C09...C23
1
105-PW23
100-C30...C37
1
105-PW37
100-C43…C55
1
105-PW55
100-C60...C97
1
105-PW85
DIN (#3) symmetrical hat rail
• 35 x 7.5 x 1 m
140M-D
140M-F
100-C all
10
199-DR1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com