Electronic Components Datasheet Search
  English  ▼

X  

TC006 Datasheet(PDF) 24 Page - Allen-Bradley

Part # TC006
Description  IEC Contactor Specifications
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

TC006 Datasheet(HTML) 24 Page - Allen-Bradley

Back Button TC006 Datasheet HTML 20Page - Allen-Bradley TC006 Datasheet HTML 21Page - Allen-Bradley TC006 Datasheet HTML 22Page - Allen-Bradley TC006 Datasheet HTML 23Page - Allen-Bradley TC006 Datasheet HTML 24Page - Allen-Bradley TC006 Datasheet HTML 25Page - Allen-Bradley TC006 Datasheet HTML 26Page - Allen-Bradley TC006 Datasheet HTML 27Page - Allen-Bradley TC006 Datasheet HTML 28Page - Allen-Bradley Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 114 page
background image
24
Rockwell Automation Publication 100-TD013J-EN-P - April 2021
100-C/104-C, 100S-C/104S-C, 100Q-C Contactors
Product Selection—100S-C/104S-C Safety Contactors
 Coil voltage code and terminal position— see page 25.
Reversing AC- and DC-operated Contactors
Rated Operational
Current Ie [A]
Ratings for switching AC motors - AC-2, AC-3, AC-4
Auxiliary
Contacts
Cat. No.(1) (2)
(1)
For other contact configurations and full product details, please contact your local Rockwell Automation sales office or Allen-Bradley distributor.
(2) If standard cross-stamped front-mount auxiliary contacts are required, remove the letter "B" before the letter "C" in the cat. no. Example: Cat. No. 104S-C09
05BC becomes
Cat. No. 104S-C09
05C.
3-phase kW (50 Hz)
Hp (60 Hz)
40 °C (104 °F)
230V
400/
415V
500V
690V
1-Phase
3-Phase
AC-3
AC-1
115V
230V
200V
230V
460V
575V
N.O.
N.C.(3)
(3) One of the N.C. auxiliary contacts is supplied as part of the mechanical/electrical interlock.
9
32
3
4
4
4
1/2
1-1/2
2
2
5
7-1/2
06
104S-C09
012BC
15
104S-C09
210BC
12
32
4
5.5
5.5
5.5
1/2
2
3
3
7-1/2
10
06
104S-C12
012BC
15
104S-C12
210BC
16
32
5.5
7.5
7.5
7.5
1
3
5
5
10
15
06
104S-C16
012BC
15
104S-C16
210BC
23
32
7.5
11
13
10
2
3
5
7-1/2
15
15
06
104S-C23
012BC
15
104S-C23
210BC
30
65
10
15
15
15
2
5
7-1/2
10
20
25
05
104S-C30
010BC
15
104S-C30
210BC
37
65
11
18.5/20
20
18.5
3
5
10
10
25
30
05
104S-C37
010BC
15
104S-C37
210BC
43
85
13
22
25
22
3
7-1/2
10
15
30
30
05
104S-C43
010BC
15
104S-C43
210BC
55
85
15
30
30
30
5
10
15
20
40
40
05
104S-C55
010BC
15
104S-C55
210BC
60
100
18.5
32
37
32
5
10
15
20
40
50
05
104S-C60
010BC(4)
(4) Front- and side-mount auxiliary contacts on Cat. Nos. 104S-C60…C97 conform to mirror contact performance only.
15
104S-C60
210BC(4)
72
100
22
40
45
40
5
15
20
25
50
60
05
104S-C72
010BC(4)
15
104S-C72
210BC(4)
85
100
2545
5545
7-1/2
15
25
30
60
60
05
104S-C85
010BC(4)
15
104S-C85
210BC(4)
97
130
30
555555
10
15
30
30
75
75
05
104S-C97
010BC(4)
15
104S-C97
210BC(4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com