Electronic Components Datasheet Search
  English  ▼

X  

TC006 Datasheet(PDF) 60 Page - Allen-Bradley

Part # TC006
Description  IEC Contactor Specifications
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

TC006 Datasheet(HTML) 60 Page - Allen-Bradley

Back Button TC006 Datasheet HTML 56Page - Allen-Bradley TC006 Datasheet HTML 57Page - Allen-Bradley TC006 Datasheet HTML 58Page - Allen-Bradley TC006 Datasheet HTML 59Page - Allen-Bradley TC006 Datasheet HTML 60Page - Allen-Bradley TC006 Datasheet HTML 61Page - Allen-Bradley TC006 Datasheet HTML 62Page - Allen-Bradley TC006 Datasheet HTML 63Page - Allen-Bradley TC006 Datasheet HTML 64Page - Allen-Bradley Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 114 page
background image
60
Rockwell Automation Publication 100-TD013J-EN-P - April 2021
100-E/104-E, 100S-E/104S-E Contactors
Product Selection—100-E/104-E Contactors
 Coil voltage code and terminal position—see page 61
 Coil voltage code and terminal position—see page 61
4-Pole AC- and DC-operated Direct-on-line Contactors
Rated Current at 40 °C [A]
Main Poles
Auxiliary Contacts
Cat No.
Ie
UL General Use (enclosed)
AC-1 (690V)
600V
N.O.
N.C.
N.O.
N.C.
25
25
40
0
0
100-E09
400
22
0
0
100-E09
200
30
30
40
0
0
100-E16
400
22
0
0
100-E16
200
45
45
40
0
0
100-E26
400
22
0
0
100-E26
200
55
55
40
0
0
100-E38
400
22
0
0
100-E38
200
70
60
40
0
0
100-E40
400
22
0
0
100-E40
200
100
80
4
0
0
0
100-E52
400
125
105
40
0
0
100-E80
400
22
0
0
100-E80
200
3-Pole AC- and DC-operated Reversing Contactors
Rated Operational Current Ie [A]
Ratings for switching AC motors - AC-2, AC-3
Auxiliary Contacts
Cat No.
60 °C
40 °C
kW (50 Hz)
Hp (60 Hz)
AC-3 (400V)
AC-1 (690V)
220-240V
380-400V
415V
440V
500V
690V
1000V
200V
230V
460V
575V
N.O.
N.C.
9
25
2.2
4
4
4
5.5
5.5
—
2
2
5
7.5
01
104-E09
02
1
1(1)
(1)
The N.C. auxiliary contact is supplied as part of the mechanical/electrical interlock.
104-E09
22(2)
(2) For AC control voltages only.
12
28
3
5.5
5.5
5.5
7.5
7.5
—
3
3
7.5
10
01
104-E12
02
1
1(1)
104-E12
22(2)
16
30
4
7.5
9
9
9
9
—
5
5
10
15
01
104-E16
02
1
1(1)
104-E16
22(2)
26
45
6.5
11
11
151515
—
7.5
7.5
15
20
0
1(1)
104-E26
02(2)
11
104-E26
22
32
50
9
15
15
18.5
18.5
18.5
—
10
10
20
25
0
1(1)
104-E30
02(2)
11
104-E30
22
38
50
11
18.5
18.5
18.5
22
22
—
10
10
25
30
0
1(1)
104-E38
02(2)
11
104-E38
22
40
70
11
18.5
22
22
22
22
—
10
15
30
40
1
1
104-E40
22
52
100
15
22
3030
3030
—
15
2040
50
1
1
104-E52
22
65
105
18.5
30
37
37
37
37
—
20
25
50
60
1
1
104-E65
22
80
125
22
37
4545454535
25
30
60
75
1
1
104-E80
22
96
130
25
45
55
555555
40
30
30
6075
1
1
104-E96
22
116
160
55
55
55
75
75
63
55
30
40
75
100
1
1
104-E116
22(3)
(3) To order with built-in terminal lugs, add the letter "L" to the end of the catalog number (Example: 104-E116
22L)
146
225
75
75
75
90
90
90
75
40
50
100
125
1
1
104-E146
22(3)
190
275
90
90
90
110
110
132
110
50
60
125
150
1
1
104-E190
22
205
350
110
110
110
132
132
160
132
60
75
150
200
1
1
104-E205
22
265
400
132
132
132
160
160
200
160
75
100
200
250
1
1
104-E265
22
305
500
160
160
160
160
200
250
185
100
125
250
300
1
1
104-E305
22
370
600
200
200
200
200
250
315
200
125
150
300
350
1
1
104-E370
22
400
600
200
200
220
220
250
315
220
125
150
350
400
1
1
104-E400
22
460
700
250
250
250
250
315
355
280
150
200
400
500
1
1
104-E460
22
580
800
315
315
355
355
400
500
355
200
250
500
600
1
1
104-E580
22
750
1050
400
400
425
450
530
600
400
250
300
600
700
1
1
104-E750
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com