Electronic Components Datasheet Search
  English  ▼

X  

TC006 Datasheet(PDF) 35 Page - Allen-Bradley

Part # TC006
Description  IEC Contactor Specifications
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

TC006 Datasheet(HTML) 35 Page - Allen-Bradley

Back Button TC006 Datasheet HTML 31Page - Allen-Bradley TC006 Datasheet HTML 32Page - Allen-Bradley TC006 Datasheet HTML 33Page - Allen-Bradley TC006 Datasheet HTML 34Page - Allen-Bradley TC006 Datasheet HTML 35Page - Allen-Bradley TC006 Datasheet HTML 36Page - Allen-Bradley TC006 Datasheet HTML 37Page - Allen-Bradley TC006 Datasheet HTML 38Page - Allen-Bradley TC006 Datasheet HTML 39Page - Allen-Bradley Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 114 page
background image
Rockwell Automation Publication 100-TD013J-EN-P - April 2021
35
100-C/104-C, 100S-C/104S-C, 100Q-C Contactors
Accessories
Terminal Kits (For 100­C09…C97 contactors)
Description
Max. Current Ratings and Wire Sizes
Pkg. Qty(1)
(1)
Must be ordered in multiples of the package quantity.
Cat. No.
Stab Connector Kit
• Dual stab (0.250 in.) for 100-C coil terminals
• For 100-C09…C97 contactors
20
199-SC2
Stab Connector Kit
• Dual stab (0.250 in.) for 100-C power terminals
• For 100-C09…C23 contactors
100
199-SC10
3-Pole Terminal Lug Kit
• For Cat. No. 100-C09…C23 (Line side)
IEC @ 40 °C
IEC @ 40 °C
UL/CSA (Encl.)
45 A (4…16 mm2, fine stranded w/ ferrule)(2)
45 A (4…25 mm2, coarse stranded/solid)
40 A (#10…4 AWG, stranded/solid)
(2) 16 mm
2 max. according to IEC 60947; actual max. 25 mm2
1
100-CTN23
3-Pole Terminal Lug Kit
• For Cat. No. 100-C09…C23 (Load side)
IEC @ 40 °C
IEC @ 40 °C
UL/CSA (Encl.)
45 A (4…16 mm2, fine stranded w/ ferrule)
45 A (4…25 mm2, coarse stranded/solid)
40 A (#10…4 AWG, stranded/solid)
1
100-CTL23
3-Pole Terminal Lug Kit
• For Cat. No. 100-C30…C37 (Line and load
side)
IEC @ 40 °C
IEC @ 40 °C
UL/CSA (Encl.)
60 A (4…16 mm2, fine stranded w/ ferrule)
60 A (4…25 mm2, coarse stranded/solid)
55 A (#10…4 AWG, stranded/solid)
1
100-CT37
1-Pole Terminal Lug Kit
• For Cat. No. 100-C43
IEC @ 40 °C
IEC @ 40 °C
UL/CSA (Encl.)
90 A (6…35 mm2, fine stranded w/ ferrule)
90 A (6…50 mm2, coarse stranded/solid)
75 A (#8…2 AWG, stranded/solid)
3
100-CT43
1-Pole Terminal Lug Kit
• For Cat. No. 100-C60…C97
IEC @ 40 °C
IEC @ 40 °C
UL/CSA (Encl.)
130 A (10…70 mm2, fine stranded w/ ferrule)
130 A (10…95 mm2, coarse stranded/solid)
130 A (#8…2/0 AWG, stranded/solid)
3
100-CT85
3-Pole Paralleling Kit
• For Cat. No. 100-C09…C23
IEC @ 40 °C
IEC @ 40 °C
UL/CSA (Encl.)
100 A (35…70 mm2, fine stranded w/ ferrule)
100 A (35…95 mm2, coarse stranded/solid)
100 A (#0…2/0 AWG, stranded/solid)
2
100-CP23
3-Pole Paralleling Kit
• For Cat. No. 100-C30…C37
IEC @ 40 °C
IEC @ 40 °C
UL/CSA (Encl.)
150 A (35…70 mm2, fine stranded w/ ferrule)
150 A (35…95 mm2, coarse stranded/solid)
150 A (#0…2/0 AWG, stranded/solid)
2
100-CP37
SEMI-F47 Voltage Sag Immunity Module
Description
Input
Voltage
For Use With(1)
(1)
Contactor must have DC coil at the same voltage as AC input. Example: for 24V AC control, select Cat. No. 100-C09ZJ10 (24V DC coil).
Options
Cat. No.
SEMI-F47 Module
• Meets SEMI-F47 voltage sag immunity requirements
• Direct mounting to coil terminals of 100-C contactors and 700-CF control relays
• Requires DC coil contactor
• Optional 1…30 s ON-delay timer version
24…240V AC
100-C60…C97
without timer
100-CSF47
110…240V AC
100-C60…C97
with 1…30 s
ON-delay timer
100-CSF47A30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com