Electronic Components Datasheet Search
  English  ▼

X  

TC006 Datasheet(PDF) 59 Page - Allen-Bradley

Part # TC006
Description  IEC Contactor Specifications
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

TC006 Datasheet(HTML) 59 Page - Allen-Bradley

Back Button TC006 Datasheet HTML 55Page - Allen-Bradley TC006 Datasheet HTML 56Page - Allen-Bradley TC006 Datasheet HTML 57Page - Allen-Bradley TC006 Datasheet HTML 58Page - Allen-Bradley TC006 Datasheet HTML 59Page - Allen-Bradley TC006 Datasheet HTML 60Page - Allen-Bradley TC006 Datasheet HTML 61Page - Allen-Bradley TC006 Datasheet HTML 62Page - Allen-Bradley TC006 Datasheet HTML 63Page - Allen-Bradley Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 114 page
background image
Rockwell Automation Publication 100-TD013J-EN-P - April 2021
59
100-E/104-E, 100S-E/104S-E Contactors
Product Selection—100-E/104-E Contactors
The Bulletin 100-E/104-E contactor family, along with a wide range of accessories, provides the most compact and flexible contactor system
available.
 Coil voltage code and terminal position—see page 61
•4…560 kW @ 400V
•Direct-on-line or reversing
•
5…900 Hp @ 460V
•
3 Main contacts
•
AC-1 ratings up to 2650 A
•
Complete range of accessories
•
Compact dimensions
•
Environmentally friendly
•
Electronic coils
-AC/DC
-Wide voltage range
- Low power pick-up and hold-in
- Optional PLC interface
3-Pole AC- and DC-operated Direct-on-line Contactors
Rated Operational Current Ie
[A]
Ratings for switching AC motors - AC-2, AC-3
Auxiliary Contacts
Cat No.
60 °C
40 °C
kW (50 Hz)
Hp (60 Hz)
AC-3 (400V)
AC-1 (690V)
220-240V
380-400V
415V
440V
500V
690V
1000V
200V
230V
460V
575V
N.O.
N.C.
9
25
2.2
4
4
4
5.5
5.5
—
2
2
5
7.5
10
100-E09
10
01
100-E09
01
12
28
3
5.5
5.5
5.5
7.5
7.5
—
3
3
7.5
10
10
100-E12
10
01
100-E12
01
16
30
4
7.5
9999
—
5
5
10
15
10
100-E16
10
01
100-E16
01
26
45
6.5
11
11
151515
—
7.5
7.5
15
20
0
0
100-E26
00
32
50
9
15
15
18.5
18.5
18.5
—
10
10
20
25
0
0
100-E30
00
38
50
11
18.5
18.5
22
22
22
—
10
10
25
30
0
0
100-E38
00
40
70
11
18.5
22
22
22
22
—
10
15
30
40
0
0
100-E40
00
52
100
15
22
30
30
30
30
—
15
20
40
50
0
0
100-E52
00
65
105
18.5
30
373737
37
—
20
25
50
60
0
0
100-E65
00
80
125
22
37
454545
45
35
2530
60
75
0
0
100-E80
00
96
130
25
45
55555555
40
30
30
6075
0
0
100-E96
00
116
160
37
55
55
75
75
63
55
30
40
75
100
1
1
100-E116
11 (1)
(1)
To order with built-in terminal lugs, add the letter "L" to the end of the catalog number (example: 100-E11611L)
146
225
45
75
75
90
90
90
75
40
50
100
125
1
1
100-E146
11 (1)
190
275
55
90
90
110
110
132
110
50
60
125
150
1
1
100-E190
11
205
350
55
110
110
132
132
160
132
60
75
150
200
1
1
100-E205
11
265
400
75
132
132
160
160
200
160
75
100
200
250
1
1
100-E265
11
305
500
90
160
160
160
200
250
185
100
125
250
300
1
1
100-E305
11
370
600
110
200
200
200
250
315
200
125
150
300
350
1
1
100-E370
11
400
600
110
200
220
220
250
315
220
125
150
350
400
1
1
100-E400
11
460
700
132
250
250
250
315
355
280
150
200
400
500
1
1
100-E460
11
580
800
160
315
355
355
400
500
355
200
250
500
600
1
1
100-E580
11
750
1050
220
400
425
450
530
600
400
250
300
600
700
1
1
100-E750
11
860
1350
250
475
500
560
630
800
555
—
400
800
1000
1
1
100-E860
11
1060
1650
315
560
630
710
710
1000
600
—
450
900
1150
1
1
100-E1060
11
—
1260
—
—
—————
————
1
1
100-E1260
11
—
2050
—
—
—————
————
1
1
100-E2050
11
—
2650
—
—
—————
————
1
1
100-E2650
11
100-E116 Contactor
100-E860 Contactor
100-E09 Contactor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com