Electronic Components Datasheet Search
  English  ▼

X  

TC006 Datasheet(PDF) 46 Page - Allen-Bradley

Part # TC006
Description  IEC Contactor Specifications
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

TC006 Datasheet(HTML) 46 Page - Allen-Bradley

Back Button TC006 Datasheet HTML 42Page - Allen-Bradley TC006 Datasheet HTML 43Page - Allen-Bradley TC006 Datasheet HTML 44Page - Allen-Bradley TC006 Datasheet HTML 45Page - Allen-Bradley TC006 Datasheet HTML 46Page - Allen-Bradley TC006 Datasheet HTML 47Page - Allen-Bradley TC006 Datasheet HTML 48Page - Allen-Bradley TC006 Datasheet HTML 49Page - Allen-Bradley TC006 Datasheet HTML 50Page - Allen-Bradley Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 114 page
background image
46
Rockwell Automation Publication 100-TD013J-EN-P - April 2021
100-C/104-C, 100S-C/104S-C, 100Q-C Contactors
Specifications
Table 19 - Coil Data
100/104-C, 100S/104S-C
09
12
16
23
30
37
40*200 40*400
43
55
60
72
85
90*200 90*400
97
Coil Type:
Conventional
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
Electronic - EI
X
X
X
X
X
X
X
X
X
X
—
—
—
—
—
—
Operating Limits
50 Hz, 60 Hz,
50/60 Hz
pick-up
[x Us]
0.85…1.1
0.85….1.1
0.85….1.1
dropout
[x Us]
0.3…0.6
0.3…0.6
0.3…0.6
DC (conventional)
pick-up
[x Us]
——
0.8…1.1
dropout
[x Us]
—
—
0.1…0.6
DC (electronic—EQ,
EJ, EW, QJ)
pick-up
[x Us]
0.7…1.25
—
dropout
[x Us]
0.3…0.4
—
DC (electronic—EY)
pick-up
[x Us]
0.8…1.25
—
dropout
[x Us]
0.3…0.4
—
DC (electronic—ED)
pick-up
[x Us]
0.7…1.12(1)
—
dropout
[x Us]
0.3…0.4
—
DC (electronic—EA)
pick-up
[x Us]
0.8…1.1
—
dropout
[x Us]
0.3…0.4
—
Coil Consumption
50 Hz, 60 Hz,
50/60 Hz
pick-up
[VA]
75
105
135
235
400
hold-in
[VA/W]
9.5/2.7
12.3/3.1
13.3/3.3
19.6/5
24/9
DC (conventional)
pick-up
[W]
—
—
—
200
325
hold-in
[W]
—
—
—
4
5
DC (electronic—EQ,
EJ, QJ)
pick-up
(avg/peak)
[W]
10/17
16/25
—
—
hold-in
[W]
1.7
2.5
—
—
DC (electronic—EY,
EW)
pick-up
(avg/peak)
[W]
10/17
16/25
—
—
hold-in
[W]
1.9
2.7
—
—
DC (electronic—ED)
pick-up
(avg/peak)
[W]
12/19
16/26
—
—
hold-in
[W]
2.1
2.8
—
—
DC (electronic—EA)
pick-up
(avg/peak)
[W]
14/22
18/29
—
—
hold-in
[W]
3.0
4.0
—
—
Operating Times
AC
closing delay
[ms]
15…30
15…30
15…30
15…30
20…40
20…40
opening delay
[ms]
10…60
10…60
10…60
10…60
10…60
20…40
With RC module
closing delay
[ms]
10…60
10…60
10…60
10…60
10…60
10…60
20…40
DC (conventional)
opening delay
[ms]
—
—
—
—
50…80
20…40
15…25 20…25 20…25
closing delay
[ms]
—
—
—
—
7…15
20…40
15…25 20…25 20…25
With integrated
diode
opening delay
[ms]
—
—
—
—
17…23
≤ 220V 20…35
≤ 220V 20…35
With external diode opening delay
[ms]
—
—
—
—
—
80…125
—
—
DC (electronic—EQ,
EJ)
closing delay
[ms]
20…50
—
—
—
opening delay
[ms]
20…50
—
—
—
Max. Ripple
±15%
—
—
—
min. OFF time
[ms]
50
—
—
—
DC (electronic—EW,
EY, ED, EA)
closing delay
[ms]
20…50
—
—
—
opening delay
[ms]
23…33
—
—
—
Max. Ripple
±15%
—
—
—
min. OFF time
[ms]
50
—
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com