Electronic Components Datasheet Search
  English  ▼

X  

TC006 Datasheet(PDF) 17 Page - Allen-Bradley

Part # TC006
Description  IEC Contactor Specifications
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

TC006 Datasheet(HTML) 17 Page - Allen-Bradley

Back Button TC006 Datasheet HTML 13Page - Allen-Bradley TC006 Datasheet HTML 14Page - Allen-Bradley TC006 Datasheet HTML 15Page - Allen-Bradley TC006 Datasheet HTML 16Page - Allen-Bradley TC006 Datasheet HTML 17Page - Allen-Bradley TC006 Datasheet HTML 18Page - Allen-Bradley TC006 Datasheet HTML 19Page - Allen-Bradley TC006 Datasheet HTML 20Page - Allen-Bradley TC006 Datasheet HTML 21Page - Allen-Bradley Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 114 page
background image
Rockwell Automation Publication 100-TD013J-EN-P - April 2021
17
100-C/104-C, 100S-C/104S-C, 100Q-C Contactors
Product Selection—100-C/104-C Contactors
•
Compact sizes from 4…55 kW/5…75 Hp (9…97 A)
•
Common accessories for all contactor sizes
•
Front and side mounting of auxiliary contacts
•
Electronic and pneumatic timing modules
•
Space-saving coil-mounted control modules
•
Reversible coil terminations (line or load side)
•
All devices can be attached to 35 mm DIN mounting Rail
•
Environmentally friendly materials
The Bulletin 100-C/104-C IEC contactor family, along with a wide range of common accessories and Bulletin 193 solid-state overload relays,
provides the most compact and flexible starter component system available.
 Coil voltage code and terminal position—see page 19
3-Pole AC- and DC-operated Contactors
Rated Operational Current Ie [A]
Ratings for switching AC motors - AC-2, AC-3, AC-4
Auxiliary Contacts
Cat. No.(1)
(1)
For screwless terminals on 100-C09…C16, add an “R” after the letter “C” in the catalog number. Example: Cat. No. 100-C09
10 becomes 100-CR0910. The AC-1 rating for the 100-CR is
limited to 25 A.
3-phase kW (50 Hz)
Hp (60 Hz)
40 °C (104 °F)
230V
400/415V
500V
690V
1-Phase
3-Phase
AC-3
AC-1
115V
230V
200V
230V
460V
575V
N.O.
N.C.
9
32
3
4
4
4
1/2
1-1/12
2
2
5
7-1/12
10
100-C09
10
01
100-C09
01
12
32
4
5.5
5.5
5.5
1/2
2
3
3
7-1/2
10
10
100-C12
10
01
100-C12
01
16
32
5.5
7.5
7.5
7.5
1
3
5
5
10
15
10
100-C16
10
01
100-C16
01
23
32
7.5
11
13
10
2
3
5
7-1/2
15
15
10
100-C23
10
01
100-C23
01
30
65
10
15
15
15
2
5
7-1/2
10
20
25
00
100-C30
00
10
100-C30
10
01
100-C30
01
37
65
11
18.5/20
20
18.53
5
10
10
2530
00
100-C37
00
10
100-C37
10
01
100-C37
01
43
85
13
22
25
22
3
7-1/2
10
15
30
30
00
100-C43
00
10
100-C43
10
01
100-C43
01
55
85
15
30
30
30
5
10
15
20
40
40
00
100-C55
00
10
100-C55
10
01
100-C55
01
60
100
18.5
32
37
32
5
10
15
20
40
50
00
100-C60
00
10
100-C60
10
01
100-C60
01
72
100
22
40
45
40
5
15
20
25
50
60
00
100-C72
00
10
100-C72
10
01
100-C72
01
85
100
25
45
55
45
7-1/2
15
25
30
60
60
00
100-C85
00
10
100-C85
10
01
100-C85
01
97
130
30
55
55
55
10
203030
75
75
00
100-C97
00
10
100-C97
10
01
100-C97
01
100-C Contactor
104-C Reversing Contactor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com