Electronic Components Datasheet Search
  English  ▼

X  

TC006 Datasheet(PDF) 39 Page - Allen-Bradley

Part # TC006
Description  IEC Contactor Specifications
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

TC006 Datasheet(HTML) 39 Page - Allen-Bradley

Back Button TC006 Datasheet HTML 35Page - Allen-Bradley TC006 Datasheet HTML 36Page - Allen-Bradley TC006 Datasheet HTML 37Page - Allen-Bradley TC006 Datasheet HTML 38Page - Allen-Bradley TC006 Datasheet HTML 39Page - Allen-Bradley TC006 Datasheet HTML 40Page - Allen-Bradley TC006 Datasheet HTML 41Page - Allen-Bradley TC006 Datasheet HTML 42Page - Allen-Bradley TC006 Datasheet HTML 43Page - Allen-Bradley Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 114 page
background image
Rockwell Automation Publication 100-TD013J-EN-P - April 2021
39
100-C/104-C, 100S-C/104S-C, 100Q-C Contactors
Specifications
Table 11 - Main Circuits
100/104-C, 100S/104S-C
09
12
16
23
30
37
43
55
60
72
85
97
Coil Type:
Conventional
X
X
X
X
X
X
X
X
X
X
X
X
Electronic — EI
X
X
X
X
X
X
X
X
—
—
—
—
Switching of 3-phase Motors, (50 Hz); Ambient temperature 60 °C (140 °F), AC-4
Rated Operational
Current, Ie
230V
[A]
12
15
20
26.5
3538
44
56
62
72
8596
240V
[A]
12
15
20
26.5
3538
44
56
62
72
8595
400V
[A]
9
12
16
23
30
37
43
55
60
72
85
97
415V
[A]
9
12
16
23
30
37
43
55
60
72
85
97
500V
[A]
7
10
14
20
25
30
38
44
55
67
80
78
690V
[A]
5
7
9
12
18
21
25
25
34
42
49
57
Rated Operational Power,
Pe
230V
[kW]
3
4
5.5
7.5
10
11
13
15
18.5
22
25
30
240V
[kW]
3
4
5.5
7.5
10
11
13
15
18.5
22
25
30
400V
[kW]
4
5.5
7.5
11
15
18.5
22
30
32
40
45
55
415V
[kW]
4
5.5
7.5
11
15
20
22
30
32
40
45
55
500V
[kW]
4
5.5
7.5
13
15
20
25
30
37
45
55
55
690V
[kW]
4
5.5
7.5
10
15
18.5
22
22
32
40
45
55
AC-4 at approximately 200,000 operations
Rated Operational
Current, Ie
230V
[A]
4.3
6.6
9
9
12
14
16.5
22
25.5
31
38
44
240V
[A]
4.3
6.6
9
9
12
14
16.5
22
25.5
31
38
44
400/415V
[A]
4.3
6.6
9
9
12
14
16.5
22
25.5
31
38
44
500V
[A]
4.3
6.6
9
9
12
14
16.5
22
25.5
31
38
44
690V
[A]
4.3
6.6
9
9
12
14
16.5
22
25.5
31
38
44
Rated Operational Power,
Pe
230V (1)
(1)
Power ratings at 50 Hz: Preferred values according to IEC 60072-1
[kW]
0.75
1.5
2.2
2.2
3
3.7
4
5.5
6.3
7.5
11
11
240V (1)
[kW]
0.75
1.5
2.2
2.2
3
4
4
5.5
7.5
7.5
11
11
400V (1)
[kW]
1.8
3
4
4
5.5
6.3
7.5
11
13
15
20
22
415V (1)
[kW]
1.8
3
4
4
5.5
6.3
7.5
11
13
17
20
22
500V (1)
[kW]
2.2
3.7
5.5
5.5
7.5
7.5
10
11
15
20
25
30
690V (1)
[kW]
3
5.5
7.5
7.5
10
11
15
18.5
22
25
32
37
Max. switching frequency
Ops/hour
250
250
220
200
200
200
200
200
120
120
120
120
Wye-Delta (60 Hz)
Rated Operational Power
200V
[Hp]
5
5
7-1/2
7-1/2
10
15
20
25
30
40
50
50
230V
[Hp]
5
7-1/2
10
10
15
20
25
30
40
50
60
60
460V
[Hp]
10
15
20
25
30
40
50
60
75
100
125
125
575V
[Hp]
10
15
20
25
30
40
50
60
75
100
125
125
UL/CSA Elevator Duty
Rated
Operational Current
200V
[A]
7.8
11.0
11.0
17.5
25.3
25.3
32.2
TBD
32.2
48.3
62.1
TBD
230V
[A]
6.8
9.6
15.2
15.2
22.0
28.0
28.0
TBD
42.0
54.0
68.0
TBD
460V
[A]
7.6
11.0
14.0
21.0
27.0
27.0
34.0
TBD
40.0
52.0
65.0
TBD
575V
[A]
6.1
9.0
11.0
17.0
22.0
27.0
32.0
TBD
41.0
52.0
62.0
TBD
UL/CSA Elevator Duty
Rated Operational Power
200V
[Hp]
2335
7-1/2
7-1/2
10
TBD
10
15
20
TBD
230V
[Hp]
2
3
5
5
7-1/2
10
10
TBD
15
20
25
TBD
460V
[Hp]
5
7-1/2
10
15
20
20
25
TBD
30
40
50
TBD
575V
[Hp]
5
7-1/2
10
15
20
25
30
TBD
40
50
60
TBD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com