Electronic Components Datasheet Search
  English  ▼

X  

TC006 Datasheet(PDF) 63 Page - Allen-Bradley

Part # TC006
Description  IEC Contactor Specifications
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

TC006 Datasheet(HTML) 63 Page - Allen-Bradley

Back Button TC006 Datasheet HTML 59Page - Allen-Bradley TC006 Datasheet HTML 60Page - Allen-Bradley TC006 Datasheet HTML 61Page - Allen-Bradley TC006 Datasheet HTML 62Page - Allen-Bradley TC006 Datasheet HTML 63Page - Allen-Bradley TC006 Datasheet HTML 64Page - Allen-Bradley TC006 Datasheet HTML 65Page - Allen-Bradley TC006 Datasheet HTML 66Page - Allen-Bradley TC006 Datasheet HTML 67Page - Allen-Bradley Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 114 page
background image
Rockwell Automation Publication 100-TD013J-EN-P - April 2021
63
100-E/104-E, 100S-E/104S-E Contactors
Product Selection—100S-E Safety Contactors
3-Pole AC- and DC-operated Safety Contactors (Continued)
Rated Operational
Current Ie [A]
Ratings for switching AC motors - AC-2, AC-3
Auxiliary contacts
per contactor
Direct-on-line
Contactor
60 °C
40 °C
kW (50 Hz)
Hp (60 Hz)
AC-3
(400V)
AC-1
(690V)
220-
240V
380-
400V
415V
440V
500V
690V
1000V
200V
230V
460V
575V
N.O.
N.C. N.C.(1)
(1)
The N.C. contact meets IEC 60947-4-1 Annex F requirements for mirror contact performance.
Cat No.
52
100
15
22
30303030
—
15
20
40
50
00
4
100S-E52
04C
10
3
100S-E52
13C
202
100S-E52
22C
30
1
100S-E52
31C
65
105
18.5
30
37373737
—
20
25
50
60
00
4
100S-E65
04C
10
3
100S-E65
13C
202
100S-E65
22C
30
1
100S-E65
31C
80
125
22
37
45454545
35
25
30
60
75
00
4
100S-E80
04C
10
3
100S-E80
13C
202
100S-E80
22C
30
1
100S-E80
31C
96
130
25
45
55555555
40
30
30
60
75
00
4
100S-E96
04C
10
3
100S-E96
13C
202
100S-E96
22C
30
1
100S-E96
31C
116
160
37
55
55
75
75
55
55
30
40
75
100
1
1
1
100S-E116
12C (2)
(2) To order with built-in terminal lugs, add the letter "L" to the end of the catalog number (example: 100S-E11612CL)
146
225
45
75
75
90
90
90
75
40
50
100
125
1
1
1
100S-E146
12C (2)
190
275
55
90
90
110
90132
11050
60
125
150
1
1
1
100S-E190
12C
205
350
55
110
110
132
110
160
132
60
75
150
200
1
1
1
100S-E205
12C
265
400
75
132
132
160
160
200
132
75
100
200
250
1
1
1
100S-E265
12C
305
500
90
160
160
160
200
250
132
100
125
250
300
1
1
1
100S-E305
12C
370
600
110
200
200
200
220
315
132
125
150
300
350
1
1
1
100S-E370
12C
400
600
110
200
220
220
250
315
220
125
150
350
400
1
1
1
100S-E400
12C
460
700
132
250
250
250
315
355
280
150
200
400
500
1
1
1
100S-E460
12C
580
800
160
315
355
355
400
500
355
200
250
500
600
1
1
1
100S-E580
12C
750
1050
220
400
425
450
530
600
400
250
300
600
700
1
1
1
100S-E750
12C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com