Electronic Components Datasheet Search
  English  ▼

X  

TC006 Datasheet(PDF) 83 Page - Allen-Bradley

Part # TC006
Description  IEC Contactor Specifications
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

TC006 Datasheet(HTML) 83 Page - Allen-Bradley

Back Button TC006 Datasheet HTML 79Page - Allen-Bradley TC006 Datasheet HTML 80Page - Allen-Bradley TC006 Datasheet HTML 81Page - Allen-Bradley TC006 Datasheet HTML 82Page - Allen-Bradley TC006 Datasheet HTML 83Page - Allen-Bradley TC006 Datasheet HTML 84Page - Allen-Bradley TC006 Datasheet HTML 85Page - Allen-Bradley TC006 Datasheet HTML 86Page - Allen-Bradley TC006 Datasheet HTML 87Page - Allen-Bradley Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 114 page
background image
Rockwell Automation Publication 100-TD013J-EN-P - April 2021
83
100-E/104-E, 100S-E/104S-E Contactors
Specifications
116…2650 A Contactors
Table 41 - Main Circuits
100/104-E, 100S-E
116
146
190
205
265
305
370
400
460
580
750
860
1060
1260
2050
2650
AC-1 Active Power Load (50/60 Hz);
Ambient temperature 40 °C (104 °F)
Rated Operational
Current, Ie
690V
[A]
160
225
275
350
400
500
600
600
700
800
1050
1350
1650
1260
2050
2650
1000V
[A]
160
225
250
275
350
375
400
600
700
800
1050
1350
1650
1260
2050
2650
Rated Operational
Power, Pe
230V
[kW]
64
90
110
139
159
199
239
239
279
319
418
538
657
502
817
1056
240V
[kW]
67
94
114
145
166
208
249
249
291
333
436
561
686
524
852
1102
400V
[kW]
111
156
191
242
277
346
416
416
485
554
727
935
1143
873
1420
1836
415V
[kW]
115
162
198
252
288
359
431
431
503
575
755
970
1186
906
1474
1905
500V
[kW]
139
195
238
303
346
433
520
520
606
693
909
1169
1429
1091
1775
2295
690V
[kW]
191
269
329
418
478
598
717
717
837
956
1255
1613
1972
1506
2450
3167
1000V
[kW]
277
390
433
476
606
650
693
1039
1212
1386
1819
2338
2858
2182
3551
4590
Ambient temperature 60 °C (140 °F)
Rated Operational
Current, Ie
690V
[A]
145
200
250
300
350
400
500
500
600
700
875
1150
1450
1040
1750
2350
1000V
[A]
145
200
225
250
300
325
350
500
600
700
875
1150
1450
1040
1750
2350
Rated Operational
Power, Pe
230V
[kW]
58
80
100
120
139
159
199
199
239
279
349
458
578
414
697
936
240V
[kW]
60
83
104
125
145
166
208
208
249
291
364
478
603
432
727
977
400V
[kW]
100
139
173
208
242
277
346
346
416
485
606
797
1005
721
1212
1628
415V
[kW]
104
144
180
216
252
288
359
359
431
503
629
827
1042
748
1258
1689
500V
[kW]
126
173
217
260
303
346
433
433
520
606
758
996
1256
901
1516
2035
690V
[kW]
173
239
299
359
418
478
598
598
717
837
1046
1374
1733
1243
2091
2809
1000V
[kW]
251
346
390
433
520
563
606
866
1039
1212
1516
1992
2511
1801
3031
4070
Ambient temperature 70 °C (158 °F)
Rated Operational
Current, Ie
690V
[A]
130
175
200
240
290
325
400
400
480
580
720
1000
1270
875
1500
2120
1000V
[A]
130
175
185
200
240
260
290
400
480
580
720
1000
1270
875
1500
2120
Rated Operational
Power, Pe
230V
[kW]
52
70
80
96
116
129
159
159
191
231
287
398
506
349
598
845
240V
[kW]
54
73
83
100
121
135
166
166
200
241
299
416
528
364
624
881
400V
[kW]
90
121
139
166
201
225
277
277
333
402
499
693
880
606
1039
1469
415V
[kW]
93
126
144
173
208
234
288
288
345
417
518
719
913
629
1078
1524
500V
[kW]
113
152
173
208
251
281
346
346
416
502
624
866
1100
758
1299
1836
690V
[kW]
155
209
239
287
347
388
478
478
574
693
860
1195
1518
1046
1793
2534
1000V
[kW]
225
303
320
346
416
450
502
693
831
1005
1247
1732
2200
1516
2598
3672
With conductor sizes
[mm2]
70
95
150
240 (1)
(1)
For currents above 275 A, use terminal extensions.
240 300 (2)
(2) For currents above 450 A, use terminal extensions.
2x185 (2) 2x185 2x240 2x240 800 (3)
(3) Maximum connection bar width 50 mm.
1000 (4)
(4) Maximum connection bar width 100 mm.
1500 (4) 1000 (3) 2000 (4) 3000 (4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com