Electronic Components Datasheet Search
  English  ▼

X  

TC006 Datasheet(PDF) 73 Page - Allen-Bradley

Part # TC006
Description  IEC Contactor Specifications
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

TC006 Datasheet(HTML) 73 Page - Allen-Bradley

Back Button TC006 Datasheet HTML 69Page - Allen-Bradley TC006 Datasheet HTML 70Page - Allen-Bradley TC006 Datasheet HTML 71Page - Allen-Bradley TC006 Datasheet HTML 72Page - Allen-Bradley TC006 Datasheet HTML 73Page - Allen-Bradley TC006 Datasheet HTML 74Page - Allen-Bradley TC006 Datasheet HTML 75Page - Allen-Bradley TC006 Datasheet HTML 76Page - Allen-Bradley TC006 Datasheet HTML 77Page - Allen-Bradley Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 114 page
background image
Rockwell Automation Publication 100-TD013J-EN-P - April 2021
73
100-E/104-E, 100S-E/104S-E Contactors
Renewal Parts
Renewal Parts
Coil Modules
Description
For Use With
Voltage
Cat. No.
Coil Modules
100-E116
24…60V AC/DC
TG913
48…130V AC/DC
TG914
100…250V AC/DC
TG915
250…500V AC/DC
TG916
100…250V AC/DC w/ PLC Interface
TGE913
250…500V AC/DC w/ PLC Interface
TGE914
100-E146
24…60V AC/DC
TG901
48…130V AC/DC
TG902
100…250V AC/DC
TG903
250…500V AC/DC
TG904
100…250V AC/DC w/ PLC Interface
TGE903
250…500V AC/DC w/ PLC Interface
TGE904
100-E190, 100-E205
24…60V AC/DC
TG905
48…130V AC/DC
TG906
100…250V AC/DC
TG907
250…500V AC/DC
TG908
100-E190
100…250V AC/DC w/ PLC Interface
TGE915
250…500V AC/DC w/ PLC Interface
TGE916
100-E205
100…250V AC/DC w/ PLC Interface
TGE907
250…500V AC/DC w/ PLC Interface
TGE908
100-E265, 100-E305,
100-E370
24…60V AC/DC
TG909
48…130V AC/DC
TG910
100…250V AC/DC
TG911
250…500V AC/DC
TG912
100-E265
100…250V AC/DC w/ PLC Interface
TGE917
250…500V AC/DC w/ PLC Interface
TGE918
100-E305
100…250V AC/DC w/ PLC Interface
TGE919
250…500V AC/DC w/ PLC Interface
TGE920
100-E370
100…250V AC/DC w/ PLC Interface
TGE911
250…500V AC/DC w/ PLC Interface
TGE912
100-E400, 100-E460
24…60V DC w/ PLC Interface
THE901
48…130V AC/DC w/ PLC Interface
THE902
100…250V AC/DC w/ PLC Interface
THE903
250…500V AC/DC w/ PLC Interface
THE904
100-E580, 100-E750,
100-E1260
24…60V DC w/ PLC Interface
TJE901
48…130V AC/DC w/ PLC Interface
TJE902
100…250V AC/DC w/ PLC Interface
TJE903
250…500V AC/DC w/ PLC Interface
TJE904
100-E860, 100-E1060,
100-E2050
100…250V AC/DC w/ PLC Interface
TKE903 (1)
(1)
One set of two coils
TKE904 (2)
(2) Printed circuit board
100-E2650
100…250V AC/DC w/ PLC Interface
TLE903 (1)
TLE904 (2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com