Electronic Components Datasheet Search
  English  ▼

X  

TC006 Datasheet(PDF) 21 Page - Allen-Bradley

Part # TC006
Description  IEC Contactor Specifications
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

TC006 Datasheet(HTML) 21 Page - Allen-Bradley

Back Button TC006 Datasheet HTML 17Page - Allen-Bradley TC006 Datasheet HTML 18Page - Allen-Bradley TC006 Datasheet HTML 19Page - Allen-Bradley TC006 Datasheet HTML 20Page - Allen-Bradley TC006 Datasheet HTML 21Page - Allen-Bradley TC006 Datasheet HTML 22Page - Allen-Bradley TC006 Datasheet HTML 23Page - Allen-Bradley TC006 Datasheet HTML 24Page - Allen-Bradley TC006 Datasheet HTML 25Page - Allen-Bradley Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 114 page
background image
Rockwell Automation Publication 100-TD013J-EN-P - April 2021
21
100-C/104-C, 100S-C/104S-C, 100Q-C Contactors
Product Selection—100-C/104-C Contactors
Device Combinations in Accordance with IEC 60947-1 / -4-1
Auxiliary Contact Blocks
100-C Contactors (AC and DC Control)
Circuit
Diagram
Control
100-C09_10
100-C12_10
100-C16_10
100-C23_10
100-C09_01
100-C12_01
100-C16_01
100-C23_01
100-C30_00
100-C37_00
100-C43_00
100-C55_00
100-C60_00
100-C72_00
100-C85_00
100-C97_00
100-C09_400
100-C12_400
100-C16_400
100-C23_400
100-C40_400
100-C90_400
100-C09_300
100-C12_300
100-C16_300
100-C23_300
100-C09_200
100-C12_200
100-C16_200
100-C23_200
100-C40_200
100-C90_200
Front Mounting (1)
(1)
Up to 8 auxiliary contacts possible: contactor + front mounted (AC max. 4 N.C. / DC max. 4 N.C.), side mounted (AC max. 2 N.O. / DC max. 2 N.O. and max. 2 N.C.).
100-FA02,
100-FAB02
AC/DC
10 + 02 = 12
01 + 02 = 03
00 + 02 = 02
00 + 02 = 02
00 + 02 = 02
00 + 02 = 02
100-FA11,
100-FAB11
AC/DC
10 + 11 = 21
01 + 11 = 12
00 + 11 = 11
00 + 11 = 11
00 + 11 = 11
00 + 11 = 11
100-FB11,
100-FBB11
AC/DC
—
—
00 + 11 = 11
00 + 11 = 11
00 + 11 = 11
00 + 11 = 11
100-FC11,
100-FCB11
AC/DC
10 + 11 = 21
—
—
—
—
—
100-FA20,
100-FAB20
AC/DC
10 + 20 = 30
01 + 20 = 21
00 + 20 = 20
00 + 20 = 20
00 + 20 = 20
00 + 20 = 20
100-FBL11 (2)
(2) Early make and/or late break.
AC/DC
—
—
00 + L11 = L11
00 + L11 = L11
00 + L11 = L11
00 + L11 = L11
100-FA22,
100-FAB22
AC/DC
10 + 22 = 32
01 + 22 = 23
00 + 22 = 22
00 + 22 = 22
00 + 22 = 22
00 + 22 = 22
100-FB22,
100-FBB22
AC/DC
—
—
00 + 22 = 22
00 + 22 = 22
00 + 22 = 22
00 + 22 = 22
100-FC22,
100-FCB22
AC/DC
10 + 22 = 32
—
—
—
—
—
100-FA31,
100-FAB31
AC/DC
10 + 31 = 41
01 + 31 = 32
00 + 31 = 31
00 + 31 = 31
00 + 31 = 31
00 + 31 = 31
100-FA40,
100-FAB40
AC/DC
10 + 40 = 50
01 + 40 = 41
00 + 40 = 40
00 + 40 = 40
00 + 40 = 40
00 + 40 = 40
100-FAL22 (2)
AC/DC
10 + L22 = L32
01 + L22 = L23
00 + L22 = L22
00 + L22 = L22
00 + L22 = L22
00 + L22 = L22
100-FA04,
100-FAB04
AC/DC
10 + 04 = 14
01 + 04 = 05
00 + 04 = 04
00 + 04 = 04
00 + 04 = 04
00 + 04 = 04
100-FA13,
100-FAB13
AC/DC
10 + 13 = 23
01 + 13 = 14
00 + 13 = 13
00 + 13 = 13
00 + 13 = 13
00 + 13 = 13
100-FB02,
100-FBB02
AC/DC
10 + 02 = 12
01 + 02 = 03
00 + 02 = 02
00 + 02 = 02
00 + 02 = 02
00 + 02 = 02
100-FB20,
100-FBB20
AC/DC
10 + 20 = 30
01 + 20 = 21
00 + 20 = 20
00 + 20 = 20
00 + 20 = 20
00 + 20 = 20
100-FC31,
100-FCB31
AC/DC
10 + 31 = 41
01 + 31 = 32
00 + 31 = 31
00 + 31 = 31
00 + 31 = 31
00 + 31 = 31
14
13
2
1
4
3
6
5
A1
A2
K1
22
21
2
1
4
3
6
5
A1
A2
K1
2
1
4
3
6
5
A1
A2
K1
8
7
2
1
4
3
6
5
A1
A2
K1
2
1
4
3
R8
R7
A1
A2
K1
6
5
2
1
8
7
R6
R5
A1
A2
K1
R4
R3
51 61
62
52
53 61
54 62
13 21
14 22
23 31
24 32
53 63
54 64
17 25
26
18
53 61 71
72
54 62
83
84
13 21 31
32
14 22
43
44
43
31
21
22
44
32
53
54
53 61
54 62
73
74
83
84
53 63 73 83
84
54 64 74
53 61 75
76
54 62
87
88
51 61 71 81
82
52 62 72
53 61 71 81
82
54 62 72
11 21
22
12
13 23
24
14
23 31 43 53
54
24 32 44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com