Electronic Components Datasheet Search
  English  ▼

X  

TC006 Datasheet(PDF) 70 Page - Allen-Bradley

Part # TC006
Description  IEC Contactor Specifications
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

TC006 Datasheet(HTML) 70 Page - Allen-Bradley

Back Button TC006 Datasheet HTML 66Page - Allen-Bradley TC006 Datasheet HTML 67Page - Allen-Bradley TC006 Datasheet HTML 68Page - Allen-Bradley TC006 Datasheet HTML 69Page - Allen-Bradley TC006 Datasheet HTML 70Page - Allen-Bradley TC006 Datasheet HTML 71Page - Allen-Bradley TC006 Datasheet HTML 72Page - Allen-Bradley TC006 Datasheet HTML 73Page - Allen-Bradley TC006 Datasheet HTML 74Page - Allen-Bradley Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 114 page
background image
70
Rockwell Automation Publication 100-TD013J-EN-P - April 2021
100-E/104-E, 100S-E/104S-E Contactors
Accessories
Paralleling Terminals
Description
For Use With
Cat. No.
Paralleling Terminals
• To connect poles in parallel and thus increase the AC-1 load passing through the
flow path made up of the parallel-connected poles
100-E09, 100-E12, 100-E16
100-ECP16
100-E26, 100-E30, 100-E38
100-ECP38
Terminal Lugs
Description
Wire Sizes
For Use With
Cat. No.
Terminal Lug Kit
• Standard on 100-E116*L…100-E146*L contactors
• Set of two
2 x 6 AWG…3/0 AWG
100-E116…100-E146
100-ECL146
Terminal Lugs
• Set of three
6 AWG…300 MCM
100-E190…100-E205
100-ETL205
4 AWG…400 MCM
100-E265…100-E370
100-ETL370
(2x) 4 AWG…500 MCM
100-E265…100-E370
100-ETL370B
(2x) 2/0 AWG…500 MCM
100-E400…100-E460
100-ETL580
(3x) 2/0 AWG…500 MCM
100-E580...E750
100-ETL750
(4x) 4/0 AWG…500 MCM
100-E860
100-ETL860
(4x) 1/0 AWG…750 MCM
100-E1060
100-ETL1060
(6x) 1/0 AWG…750 MCM
100-E1060
100-ETL1060B
Terminal Shrouds and Shields
Description
Wires with Compression
Lugs
Contactor with Terminal
Lugs
For Use With
Cat. No.
Terminal Shrouds
• Not applicable when using
105-PW* or 170-PW* power
wiring kits
•Pkg. Qty:2
X
—
100-E116…100-E146
100-ETS146L
—
X
100-E190…100-E205
100-ETS205L
X
—
100-E190…100-E205
100-ETS205C
—X
100-E265…100-E370
100-ETS370L(1)
(1)
Not applicable when using the 100-ETL370B lug kit.
X—
100-E265…100-E370
100-ETS370C
—
X
100-E400…100-E460
100-ETS460L
X
—
100-E400…100-E460
100-ETS460C
—X
100-E580…100-E750
100-ETS750L
X
—
100-E580…100-E750, 100-E1260
100-ETS750C
IP20 terminal shield between contactor and 193-E overload relay on an assembled direct-on-
line starter
100-E116…100-E146
100-ETC146
100-E190…100-E205
100-ETC205
IP20 terminal shield between contactor and 193-E overload relay on an assembled reversing
starter
100-E116…100-E146
100-ETCR146
100-E190…100-E205
100-ETCR205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com