Electronic Components Datasheet Search
  English  ▼

X  

TC006 Datasheet(PDF) 49 Page - Allen-Bradley

Part # TC006
Description  IEC Contactor Specifications
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

TC006 Datasheet(HTML) 49 Page - Allen-Bradley

Back Button TC006 Datasheet HTML 45Page - Allen-Bradley TC006 Datasheet HTML 46Page - Allen-Bradley TC006 Datasheet HTML 47Page - Allen-Bradley TC006 Datasheet HTML 48Page - Allen-Bradley TC006 Datasheet HTML 49Page - Allen-Bradley TC006 Datasheet HTML 50Page - Allen-Bradley TC006 Datasheet HTML 51Page - Allen-Bradley TC006 Datasheet HTML 52Page - Allen-Bradley TC006 Datasheet HTML 53Page - Allen-Bradley Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 114 page
background image
Rockwell Automation Publication 100-TD013J-EN-P - April 2021
49
100-C/104-C, 100S-C/104S-C, 100Q-C Contactors
Life-Load Curves
Life-Load Curves
Bulletin 100-C/104-C IEC contactors are designed for superior performance in a wide variety of applications. When selecting IEC products,
the user must give consideration to the specific load, utilization category, and required electrical life of the application. The life-load curves
shown here are based on Rockwell Automation tests according to the requirements defined in IEC 60947-4-1. Since contact life in application
is dependent on environmental conditions and duty cycle, actual application contact life may vary from that indicated by the curves shown
here.
To find the estimated electrical life of the contactor, follow these guidelines:
1.
Identify the appropriate utilization category from Table 23.
2. Choose the graph for the utilization category selected.
3. Locate the intersection of the life-load curve for the appropriate contactor with the application’s operational current (Ie) found on the
horizontal axis.
4. Read the estimated contact life along the vertical axis.
Contact Life for Mixed Utilization Categories AC-3 and AC-4:
In many applications, the utilization category cannot be defined as either purely AC-3 or AC-4. In those applications, the electrical life of the
contactor can be estimated from the following equation:
Lmixed = Lac3/[1 + Pac4*(Lac3/Lac4 – 1)], where:
Lmixed = Approximate contact life in operations for a mixed AC-3/AC-4 utilization category application
Lac3 = Approximate contact life in operations for a pure AC-3 utilization category (from the AC-3 life-load curves)
Lac4 = Approximate contact life in operations for a pure AC-4 utilization category (from the AC-4 life-load curves)
Pac4 = Percentage of AC-4 operations
Table 23 - Utilization Category Determination
Test Conditions
Making
Breaking
I
/Ie
U/Ue
cos
Ic/Ie
Ur/Ue
cos
AC-1
Resistance Furnaces:
Non inductive or slightly inductive loads
11
0.95
11
0.95
AC-2
Slip-ring motors:
Starting and reversing
2.5
1
0.65
2.5
1
0.65
AC-3
Squirrel-cage motors:
Starting and stopping of running motors
Ie < 17 A
Ie > 17 A
6
6
1
1
0.65
0.35
1
1
0.17
0.17
0.65
0.35
AC-4
Squirrel-cage motors:
Starting, plugging(1), inching(2)
(1)
Plugging is understood as stopping or reversing the motor rapidly by reversing motor primary connections while the motor is running.
(2) Inching (jogging) is understood as energizing a motor once or repeatedly for short periods to obtain small movements of the driven mechanism.
Ie < 17 A
Ie > 17 A
6
6
1
1
0.65
0.35
6
6
1
1
0.65
0.35
AC-15
Solenoids:
Contactors, valves and lifting magnets
10
1
0.7
1
1
0.4
• Ie Rated operational current
• Ic Breaking Current
• Ue Rated voltage
• I Making Current
• U Off-load voltage
•Ur Recovery voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com